Electronic Components Datasheet Search
  English  ▼

X  

PAA132 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PAA132
Description  Dual Single-Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PAA132 Datasheet(HTML) 1 Page - IXYS Corporation

  PAA132 Datasheet HTML 1Page - IXYS Corporation PAA132 Datasheet HTML 2Page - IXYS Corporation PAA132 Datasheet HTML 3Page - IXYS Corporation PAA132 Datasheet HTML 4Page - IXYS Corporation PAA132 Datasheet HTML 5Page - IXYS Corporation PAA132 Datasheet HTML 6Page - IXYS Corporation PAA132 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PAA132-R04
1
PAA132
Dual Single-Pole, Normally Open
OptoMOS® Relays
e3
Pb
Part #
Description
PAA132
8-Pin DIP (50/Tube)
PAA132S
8-Pin Surface Mount (50/Tube)
PAA132STR
8-Pin Surface Mount (1,000/Reel)
Parameter
Rating
Units
Blocking Voltage
60
V
P
Load Current
600
mA
rms / mADC
Input Control Current
2
mA
On-Resistance (max)
1
Applications
Features
Description
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Automotive
• Low Input Control Current: 2mA
• 3750V
rms Input/Output Isolation
• TTL/CMOS Compatible
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Small 8-Pin Package
• Machine Insertable, Wave Solderable
• Surface Mount Tape & Reel Version Available
Switching Characteristics
of Normally Open Devices
Approvals
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
1
2
3
4
8
7
6
5
+ Control - Switch #1
- Control - Switch #1
+ Control - Switch #2
- Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
The PAA132 Solid State Relay has two independent,
single-pole, normally open (1-Form-A), relays in a
single 8-pin package. It employs optically coupled
MOSFET technology to provide 3750V
rms of input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
By incorporating two independent, single-pole relays
into a single 8-pin package, the PAA132 saves board
space by providing a more compact design solution
than two discrete single-pole relays in a variety of
applications.


Similar Part No. - PAA132

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
137Kb / 6P
Dual Single-Pole OptoMOS짰 Relays
PAA132S CLARE-PAA132S Datasheet
281Kb / 6P
Dual Pole OptoMOS Relays
PAA132S CLARE-PAA132S Datasheet
137Kb / 6P
Dual Single-Pole OptoMOS짰 Relays
PAA132STR CLARE-PAA132STR Datasheet
281Kb / 6P
Dual Pole OptoMOS Relays
More results

Similar Description - PAA132

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
Dual Single Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA100 IXYS-LAA100_12 Datasheet
133Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com