Electronic Components Datasheet Search
  English  ▼

X  

PLA143 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA143
Description  Single Pole OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA143 Datasheet(HTML) 1 Page - IXYS Corporation

  PLA143 Datasheet HTML 1Page - IXYS Corporation PLA143 Datasheet HTML 2Page - IXYS Corporation PLA143 Datasheet HTML 3Page - IXYS Corporation PLA143 Datasheet HTML 4Page - IXYS Corporation PLA143 Datasheet HTML 5Page - IXYS Corporation PLA143 Datasheet HTML 6Page - IXYS Corporation PLA143 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA143-R08
1
PLA143
Single-Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PLA143
6-Pin DIP (50/Tube)
PLA143S
6-Pin Surface Mount (50/Tube)
PLA143STR
6-Pin Surface Mount (1000/Reel)
Parameters
Ratings
Units
Blocking Voltage
600
V
P
Load Current
100
mA
rms / mADC
Input Control Current
2
mA
On-Resistance (max)
50
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Blocking Voltage: 600V
• Low Input Control Current: 2mA
• 4000V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
Switching Characteristics of
Normally Open Devices
1
3
2
4
5
6
+ Control
– Control
NC
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
NC
+ Load
– Load
DC Only Configuration
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
The PLA143 is a single-pole, normally open
(1-Form-A) solid state relay that uses optically
coupled MOSFET technology to provide an enhanced
input to output isolation of 4000V
rms.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.
The PLA143 can be used to replace mechanical
relays, and offers the superior reliability associated
with semiconductor devices. Because it has no
moving parts, it offers faster, bounce-free switching in
a more compact surface mount or thru-hole package.


Similar Part No. - PLA143

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA143 CLARE-PLA143 Datasheet
71Kb / 4P
Single Pole OptoMOS Relay
PLA143S CLARE-PLA143S Datasheet
71Kb / 4P
Single Pole OptoMOS Relay
PLA143STR CLARE-PLA143STR Datasheet
71Kb / 4P
Single Pole OptoMOS Relay
More results

Similar Description - PLA143

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
Single Pole OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com