Electronic Components Datasheet Search
  English  ▼

X  

PLA190 Datasheet(PDF) 3 Page - IXYS Corporation

Part # PLA190
Description  Single Pole OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA190 Datasheet(HTML) 3 Page - IXYS Corporation

  PLA190 Datasheet HTML 1Page - IXYS Corporation PLA190 Datasheet HTML 2Page - IXYS Corporation PLA190 Datasheet HTML 3Page - IXYS Corporation PLA190 Datasheet HTML 4Page - IXYS Corporation PLA190 Datasheet HTML 5Page - IXYS Corporation PLA190 Datasheet HTML 6Page - IXYS Corporation PLA190 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
PLA190
www.ixysic.com
3
R04
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA @ 25ºC (Unless Otherwise Noted) *
LED Forward Voltage (V)
1.23
1.24
1.25
1.26
1.27
1.28
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, I
F=5mA)
Turn-On Time (ms)
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0
5
10
15
20
25
30
Typical Turn-On Time
(N=50, I
F=5mA, IL=150mA)
Turn-Off Time (ms)
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0
5
10
15
20
25
30
Typical Turn-Off Time
(N=50, I
F=5mA, IL=150mA)
LED Current (mA)
0.25
0.35
0.45
0.55
0.65
0.75
0.85
0
5
10
15
20
25
30
Typical I
F for Switch Operation
(N=50, I
L=150mA)
On-Resistance ( )
13.9
14.0
14.1
14.2
14.3
14.4
14.5
0
5
10
15
20
25
30
Typical On-Resistance Distribution
(N=50, I
F=5mA, IL=150mA)
Blocking Voltage (V
P)
460
465
470
475
480
485
0
5
10
15
20
25
30
Typical Blocking Voltage Distribution
(N=50)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Typical Turn-On Time
vs. LED Forward Current
(I
L=30mA)
LED Forward Current (mA)
0
1020
304050
0.132
0.134
0.136
0.138
0.140
0.142
0.144
Typical Turn-Off Time
vs. LED Forward Current
(I
L=30mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.40
0.45
0.50
0.55
0.60
0.65
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.25
0.30
0.35
0.40
0.45
Typical Turn-On Time vs. Temperature
(I
F=5mA, IL=80mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
Typical Turn-Off Time vs. Temperature
(I
F=5mA, IL=80mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com