Electronic Components Datasheet Search
  English  ▼

X  

PLA191 Datasheet(PDF) 1 Page - IXYS Corporation

Part # PLA191
Description  Single Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

PLA191 Datasheet(HTML) 1 Page - IXYS Corporation

  PLA191 Datasheet HTML 1Page - IXYS Corporation PLA191 Datasheet HTML 2Page - IXYS Corporation PLA191 Datasheet HTML 3Page - IXYS Corporation PLA191 Datasheet HTML 4Page - IXYS Corporation PLA191 Datasheet HTML 5Page - IXYS Corporation PLA191 Datasheet HTML 6Page - IXYS Corporation PLA191 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-PLA191-R03
1
PLA191
Single Pole, Normally Open
OptoMOS® Relay
e3
Pb
Part #
Description
PLA191
6-Pin DIP (50/Tube)
PLA191S
6-Pin Surface Mount (50/Tube)
PLA191STR
6-Pin Surface Mount (1000/Reel)
Parameters
Ratings
Units
Blocking Voltage
400
V
P
Load Current
250
mA
rms / mADC
On-Resistance (max)
8
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebooks, Pocket
Size)
• Hook Switch
• Dial Pulsing
• Ground Start
• Ringing Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• 5000V
rms Input/Output Isolation
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Small 6-Pin Package
• Machine Insertable, Wave Solderable
Switching Characteristics of
Normally Open Devices
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
3
2
4
5
6
+ Control
- Control
NC
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
- Control
NC
+ Load
- Load
DC Only Configuration
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1175739
• EN/IEC 60950-1 Certified Component:
TUV Certificate B 09 07 49410 004
PLA191 is a single-pole, normally open (1-Form-A)
solid state relay that uses optically coupled MOSFET
technology to provide 5000V
rms of enhanced input to
output isolation.
Its optically coupled outputs, which use the patented
OptoMOS architecture, are controlled by a highly
efficient GaAIAs infrared LED.


Similar Part No. - PLA191

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA191 CLARE-PLA191 Datasheet
472Kb / 6P
Single Pole OptoMOS Relays
PLA191S CLARE-PLA191S Datasheet
472Kb / 6P
Single Pole OptoMOS Relays
PLA191STR CLARE-PLA191STR Datasheet
472Kb / 6P
Single Pole OptoMOS Relays
More results

Similar Description - PLA191

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
PLA191 CLARE-PLA191 Datasheet
472Kb / 6P
Single Pole OptoMOS Relays
LBA126L CLARE-LBA126L Datasheet
117Kb / 4P
Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
PLA192 CLARE-PLA192 Datasheet
483Kb / 5P
Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com