Electronic Components Datasheet Search
  English  ▼

X  

SR4 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # SR4
Description  Force Guided Relay SR4 D/M
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SR4 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  SR4 Datasheet HTML 1Page - TE Connectivity Ltd SR4 Datasheet HTML 2Page - TE Connectivity Ltd SR4 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
04-2015, Rev. 0415
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR4 D/M (Continued)
Product code
Type
Contact arrangement Contact material
Coil
Part number
SR4D4005
4 pole
2 form A + 2 form B,
AgSnO2
5VDC
7-1415054-1
SR4D4006
relay with
2 NO + 2 NC
6VDC
8-1415054-1
SR4D4009
force guided contacts
contacts
9VDC
9-1415054-1
SR4D4012
12VDC
1415055-1
SR4D4018
18VDC
1-1415055-1
SR4D4021
21VDC
2-1415055-1
SR4D4024
24VDC
3-1415055-1
SR4D4036
36VDC
4-1415055-1
SR4D4040
40VDC
5-1415055-1
SR4D4048
48VDC
6-1415055-1
SR4D4060
60VDC
7-1415055-1
SR4D4085
85VDC
8-1415055-1
SR4D4110
110VDC
9-1415055-1
SR4M4005
3 form A + 1 form B,
5VDC
5-1415053-1
SR4M4006
3 NO + 1 NC
6VDC
6-1415053-1
SR4M4009
contacts
9VDC
7-1415053-1
SR4M4012
12VDC
8-1415053-1
SR4M4018
18VDC
9-1415053-1
SR4M4021
21VDC
1415054-1
SR4M4024
24VDC
4-1415053-1
SR4M4036
36VDC
1-1415054-1
SR4M4040
40VDC
2-1415054-1
SR4M4048
48VDC
3-1415054-1
SR4M4060
60VDC
4-1415054-1
SR4M4085
85VDC
5-1415054-1
SR4M4110
110VDC
6-1415054-1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com