Electronic Components Datasheet Search
  English  ▼

X  

MAX6711Z Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6711Z
Description  4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6711Z Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6711Z Datasheet HTML 1Page - Maxim Integrated Products MAX6711Z Datasheet HTML 2Page - Maxim Integrated Products MAX6711Z Datasheet HTML 3Page - Maxim Integrated Products MAX6711Z Datasheet HTML 4Page - Maxim Integrated Products MAX6711Z Datasheet HTML 5Page - Maxim Integrated Products MAX6711Z Datasheet HTML 6Page - Maxim Integrated Products MAX6711Z Datasheet HTML 7Page - Maxim Integrated Products MAX6711Z Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-Pin SC70 Microprocessor Reset Circuits
with Manual Reset Input
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at VCC = +5V for L/M versions, VCC = +3.3V for
T/S versions, VCC = +3V for R version, VCC = +2.5V for Z version, and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ........................................................................-0.3V to +6.0V
RESET, RESET (push-pull) .........................-0.3V to (VCC + 0.3V)
RESET (open drain)...............................................-0.3V to +6.0V
MR ..............................................................-0.3V to (VCC + 0.3V)
Input Current, VCC, MR .......................................................20mA
Output Current, RESET, RESET ..........................................20mA
Rate of Rise, VCC ............................................................100V/µs
Continuous Power Dissipation (TA = +70°C)
4-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
100
640
TA = +85°C to +125°C
TA = -40°C to +125°C
TA = 0°C to +70°C
TA = +85°C to
+125°C
TA = -40°C to
+85°C
MAX671_L
CONDITIONS
2.22
2.42
4.50
4.75
V
4.56
4.63
4.70
VTH
Reset Threshold
1.2
5.5
V
1.0
5.5
VCC Range
60
60
12
30
16
35
ICC
Supply Current
VCC < 5.5V, MAX671_L/M
VCC < 3.6V, MAX671_R/S/T/Z
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC < 5.5V, MAX671_L/M
MAX671_R
2.59
2.63
2.66
TA = +25°C
VCC < 3.6V, MAX671_R/S/T/Z
TA = +25°C
TA = -40°C to +85°C
MAX671_M
4.25
4.50
2.55
2.70
TA = -40°C to +85°C
MAX671_Z
2.25
2.38
2.28
2.32
2.35
2.52
2.74
TA = +85°C to +125°C
TA = +25°C
TA = -40°C to +85°C
4.31
4.38
4.45
4.44
4.82
TA = +85°C to +125°C
TA = +25°C
TA = -40°C to +85°C
MAX671_T
3.04
3.08
3.11
4.20
4.56
TA = +85°C to +125°C
TA = +25°C
3.00
3.15
TA = -40°C to +85°C
2.95
3.21
TA = +85°C to +125°C
MAX671_S
2.81
3.05
2.85
3.00
2.89
2.93
2.96
TA = +25°C
TA = -40°C to +85°C
TA = +85°C to +125°C
TA = +85°C to +125°C
µA
Reset Threshold Tempco
ms
µs
ppm/°C
140
240
460
20
30
TA = -40°C to +85°C
VCC = VTH to (VTH - 100mV)
Reset Active Timeout Period
VCC to Reset Delay (Note 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com