Electronic Components Datasheet Search
  English  ▼

X  

MAX40201 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX40201
Description  Dual-Channel, 0V to 76V Current-Sense Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40201 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX40201 Datasheet HTML 1Page - Maxim Integrated Products MAX40201 Datasheet HTML 2Page - Maxim Integrated Products MAX40201 Datasheet HTML 3Page - Maxim Integrated Products MAX40201 Datasheet HTML 4Page - Maxim Integrated Products MAX40201 Datasheet HTML 5Page - Maxim Integrated Products MAX40201 Datasheet HTML 6Page - Maxim Integrated Products MAX40201 Datasheet HTML 7Page - Maxim Integrated Products MAX40201 Datasheet HTML 8Page - Maxim Integrated Products MAX40201 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX40201 dual-channel, high-side, current-sense
amplifier has VOS of less than 12μV (max) and gain error
of less than 0.1% (max). The outputs of the MAX40201
are voltage outputs capable of swinging to a few tens of
millivolts of the VDD rail and ground.
The MAX40201 features an input common-mode voltage
range from 0V to 76V with 80kHz of small-signal band-
width, which makes it ideal for interfacing with a SAR ADC
for multichannel multiplexed data acquisition systems.
The MAX40201 operates over the -40°C to +125°C
temperature range. The MAX40201 is offered in 8-bump
wafer-level package (WLP) and 8-pin µMAX® package.
Applications
● Base Stations and Communication Equipment
● Power Management Systems
● Server Backplanes
● Industrial Control and Automation
Benefits and Features
● 0V to 76V Input Common Mode
● Low 12μV (max) Input Offset Voltage
● Low 0.1% (max) Gain Error
● Gain Options
• G = 25V/V (MAX40201T)
• G = 50V/V (MAX40201F)
• G = 100V/V (MAX40201H)
• G = 200V/V (MAX40201W)
● 1.3mm x 2mm 8-Bump WLP and 8-Pin µMAX
Packages
Ordering Information appears at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
19-100028; Rev 0; 5/17
RSENSE2
RSENSE1
SYSTEM
LOAD 2
SYSTEM
LOAD 1
ISENSE2
ISENSE1
RS2-
RS2+
RS1-
RS1+
MAX40201
OUT2
OUT1
GND
VDD
VDD = 2.7V TO
5.5V
VCM = 0V TO 76V
VCM = 0V TO 76V
Typical Operating Circuit
MAX40201
Dual-Channel, 0V to 76V Current-Sense Amplifier
EVALUATION KIT AVAILABLE


Similar Part No. - MAX40201

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX40201 AD-MAX40201 Datasheet
786Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX40201EVKIT MAXIM-MAX40201EVKIT Datasheet
602Kb / 6P
Precision Real-Time Current Monitoring
Rev 0; 3/17
MAX40201FAUA+ MAXIM-MAX40201FAUA+ Datasheet
795Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
2022
logo
Analog Devices
MAX40201FAUA+ AD-MAX40201FAUA+ Datasheet
786Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
MAX40201FAWA+ AD-MAX40201FAWA+ Datasheet
786Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
More results

Similar Description - MAX40201

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
logo
Linear Technology
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40201 MAXIM-MAX40201_V01 Datasheet
795Kb / 12P
Dual-Channel, 0V to 76V Current-Sense Amplifier
2022
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com