Electronic Components Datasheet Search
  English  ▼

X  

MAX40658 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX40658
Description  Transimpedance Amplifier with 100mA Input Current Clamp for LiDAR Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40658 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX40658 Datasheet HTML 1Page - Maxim Integrated Products MAX40658 Datasheet HTML 2Page - Maxim Integrated Products MAX40658 Datasheet HTML 3Page - Maxim Integrated Products MAX40658 Datasheet HTML 4Page - Maxim Integrated Products MAX40658 Datasheet HTML 5Page - Maxim Integrated Products MAX40658 Datasheet HTML 6Page - Maxim Integrated Products MAX40658 Datasheet HTML 7Page - Maxim Integrated Products MAX40658 Datasheet HTML 8Page - Maxim Integrated Products MAX40658 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
(VCC = +3.3V, CIN = 0.5pF, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
17
18
19
20
21
22
23
24
2.9
3.1
3.3
3.5
3.7
3.9
4.1
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
toc01a
TA = +25°C
TA = +85°C
TA = -40°C
IDC-IN = 0μA
0.824
0.826
0.828
0.83
0.832
0.834
0.836
0.838
-10
-5
0
5
10
INPUT CURRENT (
μA)
VIN vs. INPUT CURRENT
toc02b
-100
-80
-60
-40
-20
0
20
40
60
80
100
-20
-10
0
10
20
INPUT DC CURRENT(
μA)
OFFSET ADJUSTMENT CURRENT INPUT
vs. INPUT DC CURRENT
toc03c
V(OUT+)-(OUT-) = -50mV
V(OUT+)-(OUT-) = -25mV
V(OUT+)-(OUT-) = 0mV
V(OUT+)-(OUT-) = +25mV
V(OUT+)-(OUT-) = +50mV
15
16
17
18
19
20
21
22
23
24
25
-20
-10
0
10
20
INPUT CURRENT (
μA)
SUPPLY CURRENT vs. INPUT DC CURRENT
toc01b
TA = +25°C
TA =+ 85°C
TA = +55°C
TA = -10°C
TA = -40°C
-150
-100
-50
0
50
100
150
-20
-10
0
10
20
INPUT CURRENT (
μA)
OUTPUT DIFFERENTIAL VOLTAGE
vs. INPUT DC CURRENT
toc03a
IOFFSET = 0μA
IOFFSET = -30μA
IOFFSET = +30μA
IOFFSET = +20μA
IOFFSET = -20μA
IOFFSET=+10μA
IOFFSET = -10μA
IDC-IN = 0μA
-200
-150
-100
-50
0
50
100
150
200
-20
-15
-10
-5
0
5
10
15
20
INPUT CURRENT (
μA)
OUTPUT DIFFERENTIAL VOLTAGE
vs. INPUT CURRENT
toc04
TA = +25°C
TA = +85°C
TA = +55°C
TA = -10°C
TA = -40°C
820
840
860
880
900
920
940
960
980
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE (°C)
VCCAP vs. TEMPERATURE
toc02a
-150
-100
-50
0
50
100
150
-100
-50
0
50
100
OFFSET ADJUSTMENT CURRENT INPUT (
μA)
OUTPUT DIFFERENTIAL VOLTAGE
vs. OFFSET ADJUSTMENT CURRENT INPUT
toc03B
IDC-IN = 0μA
IDC-IN = +10μA
IDC-IN = -10μA
IDC-IN = +5μA
IDC-IN = -5μA
17
17.2
17.4
17.6
17.8
18
18.2
18.4
18.6
18.8
19
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE (°C)
SMALL-SIGNAL TRANSIMPEDANCE
vs. TEMPERATURE
toc05
Maxim Integrated │ 4
www.maximintegrated.com
MAX40658/MAX40659
Transimpedance Amplifier with 100mA Input
Current Clamp for LiDAR Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com