Electronic Components Datasheet Search
  English  ▼

X  

SDB13HS Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SDB13HS
Description  SMD Low Barrier Schottky Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SDB13HS Datasheet(HTML) 2 Page - Diotec Semiconductor

  SDB13HS Datasheet HTML 1Page - Diotec Semiconductor SDB13HS Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SDB13HS, SDB14HS
Characteristics
Kennwerte
Leakage current
Sperrstrom
Tj = 25°C
VR = 5 V
VR = VRRM
IR
IR
< 40 µA
< 200 µA
Typ. junction capacitance – Typ. Sperrschichtkapzität
VR = 10 V
f = 1 MHz
Cj
30 pF
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 170 K/W 1)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 30 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Mounted on P.C. board with 36 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 36 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Valid for the cathode terminal – Gültig für den Kathodenanschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 0.7
0.5
0.4
0.3
0.2
0
[A]
I
F
10-3
10-2
10-1
1
10
T = 25°C
j
T = 125°C
j
SDB13HS
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
V
F
[V] 0.7
0.5
0.4
0.3
0.2
0
[A]
I
F
10-3
10-2
10-1
1
10
T = 25°C
j
T = 125°C
j
SDB14HS
100
10
10
1
10-1
-2
[mA]
I
R
0
V
RRM
40
60
100
[%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 125°C
j
T = 100°C
j
T = 50°C
j
SDB13HS
T = 75°C
j
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com