Electronic Components Datasheet Search
  English  ▼

X  

M54587FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M54587FP
Description  8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M54587FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M54587FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M54587FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M54587FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M54587FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M54587FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mar.2002
MITSUBISHI SEMICONDUCTOR <TRANSISTOR ARRAY>
M54587P/FP
8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
ns
ns
ton
toff
—
—
120
2400
—
—
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
SWITCHING CHARACTERISTICS (Unless otherwise noted, Ta = 25
°C)
CL = 15pF (note 1)
Turn-on time
Turn-off time
V
V
V
8
VCC
VCC–3.6
5
—
—
4
VCC–0.7
0
VCC
VIH
VIL
Collector current
Per channel
RECOMMENDED OPERATING CONDITIONS (Unless otherwise noted, Ta = –20 ~ +75
°C)
IC
0
0
—
—
mA
400
200
Parameter
Limits
Symbol
Unit
Supply voltage
min
typ
max
“H” input voltage
“L” input voltage
VCC = 5V, Duty Cycle
P : no more than 34%
FP : no more than 15%
VCC = 5V, Duty Cycle
P : no more than 6%
FP : no more than 5%
ABSOLUTE MAXIMUM RATINGS (Unless otherwise noted, Ta = –20 ~ +75
°C)
Supply voltage
Collector-emitter voltage
Input voltage
Collector current
Clamping diode forward current
Clamping diode reverse voltage
Power dissipation
Operating temperature
Storage temperature
V
V
V
mA
mA
V
W
°C
°C
10
–0.5 ~ +50
–0.5 ~ VCC
500
500
50
1.79/1.1
–20 ~ +75
–55 ~ +125
Ratings
Symbol
Parameter
Conditions
Unit
Output, H
Current per circuit output, L
Ta = 25
°C, when mounted on board
VCC
VCEO
VI
IC
IF
VR
Pd
Topr
Tstg
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, Ta = –40 ~ +85
°C)
✽ : The typical values are those measured under ambient temperature (Ta) of 25
°C. There is no guarantee that these values are obtained
under any conditions.
—
1.2
0.95
–290
1.4
0.1
1.9
3500
50
—
—
—
—
—
—
2000
V (BR) CEO
II
VF
IR
ICC
hFE
V
V
µA
V
µA
mA
—
—
2.4
1.6
–600
2.4
100
3
—
Symbol
Unit
Parameter
Test conditions
Limits
min
typ
max
Collector-emitter breakdown voltage
Input current
Clamping diode forward volltage
Clamping diode reverse current
Supply current (AN only Input)
DC amplification factor
ICEO = 100
µA
VI = VCC–3.6V
VI = VCC–3.6V
IF = 400mA
VR = 50V
VCC = 5V, VI = VCC–3.5V
VCC = 5V, VCE = 4V, IC = 350mA, Ta = 25
°C
VCE(sat)
Collector-emitter saturation voltage
✽
IC = 400mA
IC = 200mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com