Electronic Components Datasheet Search
  English  ▼

X  

CPC1215 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1215
Description  Voltage-Controlled, Single-Pole, Normally Open OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1215 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1215 Datasheet HTML 1Page - IXYS Corporation CPC1215 Datasheet HTML 2Page - IXYS Corporation CPC1215 Datasheet HTML 3Page - IXYS Corporation CPC1215 Datasheet HTML 4Page - IXYS Corporation CPC1215 Datasheet HTML 5Page - IXYS Corporation CPC1215 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1215-R02
1
CPC1215
Voltage-Controlled, Single-Pole,
Normally Open OptoMOS® Relay
e3
Pb
Part #
Description
CPC1215G
4-Pin DIP (14-Pin Body) (25/tube)
Parameter
Rating
Units
Blocking Voltage
400
V
P
Load Current
500
mA
rms / mADC
On-Resistance (max)
6
Input Voltage to operate
5-12
V
Applications
Features
Description
Ordering Information
Pin Configuration
• Security
• Passive Infrared Detectors (PIR)
• Data Signalling
• Sensor Circuitry
• Telecommunications
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Energy Meters
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
• Voltage-Controlled Operation
• Matches Popular Reed Relay Pin-Out
• 3750V
rms Input/Output Isolation
• 100% Solid State
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Immune to Radiated EM Fields
• 4-Pin DIP Package
• Auto Pick & Place, Wave Solderable
The CPC1215 is a voltage-controlled, single-pole,
normally open (1-Form-A), optically coupled solid
state relay in a 4-pin Dual In-line Package (DIP). IXYS
Integrated Circuits Division's patented OptoMOS
architecture makes available the optically coupled
technology necessary to activate the output's efficient
MOSFET switches while providing a 3750V
rms input-to-
output isolation barrier. Control of the isolated output is
accomplished by means of a highly effective GaAlAs
infrared LED at the input while the internal resistor
in series with the LED enables the input's voltage-
controlled operation.
Because the input is solid state there is no need for
snubbers or "catch" diodes to suppress the inductive
flyback transient voltage normally associated with EMR
coils.
Switching Characteristics
of Normally Open Devices
Approvals
• UL 1577 Approved Component: Pending
• CSA Certified Component: Certificate 1172007
• Certified to:
IEC 60950-1: 2005
EN 60950-1: 2006
TUV Certificate: B 09 07 49410 004
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
14
2
6
8
–
+


Similar Part No. - CPC1215

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1217 CLARE-CPC1217 Datasheet
109Kb / 5P
4-Pin SIP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1217 IXYS-CPC1217 Datasheet
114Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
logo
Clare, Inc.
CPC1217Y CLARE-CPC1217Y Datasheet
109Kb / 5P
4-Pin SIP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1217Y IXYS-CPC1217Y Datasheet
114Kb / 6P
Voltage-Controlled, Single-Pole, Normally Open, 4-Pin SIP OptoMOS Relay
logo
Littelfuse
CPC1217Y LITTELFUSE-CPC1217Y Datasheet
346Kb / 6P
60V, 200mA Voltage-Controlled
11/18/2025
More results

Similar Description - CPC1215

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA120L IXYS-LCA120L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125 IXYS-LCA125 Datasheet
120Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA129 IXYS-LCA129 Datasheet
105Kb / 5P
Single-Pole, Normally Open OptoMOS Relay
PLA110 IXYS-PLA110 Datasheet
123Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA110L IXYS-PLA110L Datasheet
124Kb / 7P
Single Pole, Normally Open OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com