Electronic Components Datasheet Search
  English  ▼

X  

LS432243 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # LS432243
Description  Single SCR Isolated Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

LS432243 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  LS432243 Datasheet HTML 1Page - Powerex Power Semiconductors LS432243 Datasheet HTML 2Page - Powerex Power Semiconductors LS432243 Datasheet HTML 3Page - Powerex Power Semiconductors LS432243 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
www.pwrx.com
Single SCR Isolated Module
430 Amperes / 1800-2200 Volts
Revision Date: 02/16/2010
®
LS43__43
Ordering Information
:
Select the complete eight-digit
module part number from the table
below.
Example: LS432243 is a 2200 Volt,
430 Ampere Single SCR Isolated
POW-R-BLOK
TM Module
Type
Voltage
Volts
(x100)
Current
Amperes
(x10)
LS43
18
20
22
43
LS43__43
Single SCR
POW-R-BLOK
TM Module
430 Amperes / 1800-2200 Volts
LS43 Outline Dimensions
Dimension
Inches
Millimeters
A
3.15
80.0
B
1.50
38.0
C
2.05
52.1
D
3.62
92.0
E
1.97
50.0
F
0.39
9.9
G
0.24
6.1
H
0.75
19.0
J
0.99
25.1
K
0.48
12.2
L
0.12
3.1
M
1.45
36.8
N
1.76
44.7
P
M10 Metric
M10
Q
0.250 Dia.
6.35 Dia.
R
0.99
25.1
S
0.110 x .032
2.5 x 0.8
T
3.99
101.3
Note: Dimensions are for reference only.
Description:
Powerex Single SCR Modules are
designed for use in applications
requiring rectification and isolated
packaging. The modules are isolated
for easy mounting with other
components on a common heatsink.
POW-R-BLOK
TM has been tested and
recognized by the Underwriters
Laboratories.
Features:
Electrically Isolated Heatsinking
Aluminum Nitride Insulator
Compression Bonded Elements
Metal Baseplate
Low Thermal Impedance
for Improved Current Capability
Quick Connect Gate Terminal
with Provision for Keyed Mating
Plug
UL Recognized
Benefits:
No Additional Insulation
Components Required
Easy Installation
No Clamping Components
Required
Reduce Engineering Time
Applications:
Bridge Circuits
AC & DC Motor Drives
Battery Supplies
Power Supplies
Large IGBT Circuit Front Ends
A
B
M
N
H
D
G
E
J
K
C
L
F
R
"Q"
"P"
OUTLINE DRAWING
KA
T
K
K
G
A


Similar Part No. - LS432243

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LS432243 POWEREX-LS432243 Datasheet
99Kb / 4P
POW-R-BLOK Single SCR Isolated Module (430 Amperes / 1800-2200 Volts)
More results

Similar Description - LS432243

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
LD431843 POWEREX-LD431843 Datasheet
324Kb / 5P
Dual SCR Isolated Module
LDR30850 POWEREX-LDR30850 Datasheet
471Kb / 5P
Dual SCR Isolated Module
LS430850 POWEREX-LS430850_10 Datasheet
173Kb / 4P
Single SCR Isolated Module
ND430625 POWEREX-ND430625_12 Datasheet
144Kb / 5P
Dual SCR Isolated Module
CD631815C POWEREX-CD631815C Datasheet
486Kb / 4P
Dual SCR Isolated Module
CD630815B POWEREX-CD630815B Datasheet
113Kb / 4P
Dual SCR Isolated Module
CD430890C POWEREX-CD430890C Datasheet
477Kb / 4P
Dual SCR Isolated Module
CD430890B POWEREX-CD430890B Datasheet
308Kb / 4P
Dual SCR Isolated Module
PD432006 POWEREX-PD432006_12 Datasheet
374Kb / 5P
Dual SCR Isolated Module
PD431207 POWEREX-PD431207_12 Datasheet
373Kb / 5P
Dual SCR Isolated Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com