Electronic Components Datasheet Search
  English  ▼

X  

LTL2R3KGP2 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL2R3KGP2
Description  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2R3KGP2 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL2R3KGP2 Datasheet HTML 1Page - Lite-On Technology Corporation LTL2R3KGP2 Datasheet HTML 2Page - Lite-On Technology Corporation LTL2R3KGP2 Datasheet HTML 3Page - Lite-On Technology Corporation LTL2R3KGP2 Datasheet HTML 4Page - Lite-On Technology Corporation LTL2R3KGP2 Datasheet HTML 5Page - Lite-On Technology Corporation LTL2R3KGP2 Datasheet HTML 6Page - Lite-On Technology Corporation LTL2R3KGP2 Datasheet HTML 7Page - Lite-On Technology Corporation LTL2R3KGP2 Datasheet HTML 8Page - Lite-On Technology Corporation LTL2R3KGP2 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2/9
Part No. : LTL2R3KGP2
BNS-OD-FC002/A4
Through Hole Lamp
LTL2R3KGP2
1. Description
Through-hole LEDs are offered in a variety of packages such as 3mm, 4mm, 5mm, rectangular, and cylinder which are suitable
for all applications requiring status indication. Several intensity and viewing angle choices are available in each color for design
flexibility.
1. 1. Features
Lead (Pb) free product and RoHS compliant.
High luminous intensity output.
Low power consumption.
High efficiency.
Versatile mounting on P.C. board or panel.
I.C. Compatible/low current requirements.
T-1 3/4 lamp: Emitted color is AlInGaP yellow green
572nm chip with green diffused lens.
LED Lead frame has cutting.
1.2. Applications
Communication.
Computer.
Consumer.
Home appliance.
Industrial.
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. Protruded resin under flange is 1.0mm (.04") max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com