Electronic Components Datasheet Search
  English  ▼

X  

CSPESD301 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CSPESD301
Description  1,2 and 3-Channel ESD Arrays in CSP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CSPESD301 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CSPESD301 Datasheet HTML 1Page - California Micro Devices Corp CSPESD301 Datasheet HTML 2Page - California Micro Devices Corp CSPESD301 Datasheet HTML 3Page - California Micro Devices Corp CSPESD301 Datasheet HTML 4Page - California Micro Devices Corp CSPESD301 Datasheet HTML 5Page - California Micro Devices Corp CSPESD301 Datasheet HTML 6Page - California Micro Devices Corp CSPESD301 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
© 2003 California Micro Devices Corp. All rights reserved.
12/10/03
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
5
CSPESD301/302/303
Performance Information (cont’d)
Figure 4. Low Current I-V Curve
Figure 5. High Current I-V Curve
2
2
4
6
8
-6
-4
-2
46
8
-8
-6
-4 -2
I (µA)
V (V)
-8
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
-12 -11 -10 -9
-8
-7
-6
-5
-4
-3
-2
-1
0
123456
7
89
10 11 12
High Current I-V Characteristic - Pads A1 to A2
Voltage [V]



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com