Electronic Components Datasheet Search
  English  ▼

X  

CS8952-CQ Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS8952-CQ
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952-CQ Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS8952-CQ Datasheet HTML 37Page - Cirrus Logic CS8952-CQ Datasheet HTML 38Page - Cirrus Logic CS8952-CQ Datasheet HTML 39Page - Cirrus Logic CS8952-CQ Datasheet HTML 40Page - Cirrus Logic CS8952-CQ Datasheet HTML 41Page - Cirrus Logic CS8952-CQ Datasheet HTML 42Page - Cirrus Logic CS8952-CQ Datasheet HTML 43Page - Cirrus Logic CS8952-CQ Datasheet HTML 44Page - Cirrus Logic CS8952-CQ Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
41
6.8
Auto-Negotiation Next-Page Transmit Register - Address 07h
15
14
13
12
11
10
9
8
Next Page
Acknowledge Message Page Acknowledge 2
Toggle
Message/Unformatted Code Field
765
4321
0
Message/Unformatted Code Field
BIT
NAME
TYPE
RESET
DESCRIPTION
15
Next Page
Read/Write 0
When set, this bit indicates that more Next Pages fol-
low. When clear, the current page is the last page of
data to be sent.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
14
Acknowledge
Read Only
0
This bit is used for Link Code Word verification.
When set, it indicates that consistent data has been
successfully read from the link partner.
13
Message Page
Read/Write 1
When set, this bit indicates that the data in the Mes-
sage/Unformatted Code Field is one of the pre-
defined message pages. When low, the data is
unformatted data.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
12
Acknowledge 2
Read/Write 0
When set, this bit indicates to the link partner that the
CS8952 can comply with the last received message.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
11
Toggle
Read Only
0
This bit is used to maintain synchronization with the
link partner during Next Page exchange.
10:0
Message/Unformat-
ted Code Field
Read/Write 000 0000 0001
This field contains the 11 bit data for the Message or
Unformatted Page. It defaults to the Null Message.
Note: This field is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com