Electronic Components Datasheet Search
  English  ▼

X  

STA1074 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA1074
Description  Telemaco2 family of telematics and connectivity microprocessors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1074 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA1074 Datasheet HTML 7Page - STMicroelectronics STA1074 Datasheet HTML 8Page - STMicroelectronics STA1074 Datasheet HTML 9Page - STMicroelectronics STA1074 Datasheet HTML 10Page - STMicroelectronics STA1074 Datasheet HTML 11Page - STMicroelectronics STA1074 Datasheet HTML 12Page - STMicroelectronics STA1074 Datasheet HTML 13Page - STMicroelectronics STA1074 Datasheet HTML 14Page - STMicroelectronics STA1074 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DocID028356 Rev 1
11/16
STA1074, STA1078, STA1079, STA1088
Package information
16
Table 1. TFBGA256 (11x11x1.2 mm) package mechanical data
Ref
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
1.200
-
-
0.0472
A1
0.200
-
-
0.0079
-
-
A2
-
0.200
-
-
0.0079
-
A4
-
-
0.620
-
-
0.0244
b
0.300
0.370
0.430
0.0118
0.0146
0.0169
D
10.850
11.000
11.150
0.4272
0.4331
0.4390
D1
-
9.750
-
-
0.3839
-
E
10.850
11.000
11.150
0.4272
0.4331
0.4390
E1
-
9.750
-
-
0.3839
-
e
-
0.650
-
-
0.0256
-
Z
-
0.625
-
-
0.0246
-
ddd
-
-
0.100
-
-
0.0039
eee
-
-
0.150
-
-
0.0059
fff
-
-
0.080
-
-
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16