Electronic Components Datasheet Search
  English  ▼

X  

STM8S001J3M3 Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM8S001J3M3
Description  16 MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I2C
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S001J3M3 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM8S001J3M3 Datasheet HTML 76Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 77Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 78Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 79Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 80Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 81Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 82Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 83Page - STMicroelectronics STM8S001J3M3 Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
Ordering information
STM8S001J3
80/84
DocID030584 Rev 2
11
Ordering information
Figure 40. STM8S001J3 ordering information scheme(1)
1. For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the ST Sales Office nearest
to you.
STM8
S
001
J
3
M
3
TR
Product class
STM8 microcontroller
Pin count
J = 8 pins
Package type
M =SO8N
Example:
Sub-family type
001 = low density
Family type
S = standard
Temperature range
3 = -40°C to 125°C
Program memory size
3 = 8 Kbyte
Packing
No character = tube
TR = Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com