Electronic Components Datasheet Search
  English  ▼

X  

STWBC-EPTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWBC-EPTR
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EPTR Datasheet(HTML) 1 Page - STMicroelectronics

  STWBC-EPTR Datasheet HTML 1Page - STMicroelectronics STWBC-EPTR Datasheet HTML 2Page - STMicroelectronics STWBC-EPTR Datasheet HTML 3Page - STMicroelectronics STWBC-EPTR Datasheet HTML 4Page - STMicroelectronics STWBC-EPTR Datasheet HTML 5Page - STMicroelectronics STWBC-EPTR Datasheet HTML 6Page - STMicroelectronics STWBC-EPTR Datasheet HTML 7Page - STMicroelectronics STWBC-EPTR Datasheet HTML 8Page - STMicroelectronics STWBC-EPTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
This is information on a product in full production.
October 2017
DocID030747 Rev 1
1/32
STWBC-EP
Digital controller for wireless battery chargers transmitters for
Qi 15 W applications
Datasheet
- production data
Features
 Digital controller for wireless battery charger
transmitter
 15 W single coil inductive transmitters
optimized for:
– Cell phones and smartphones
– Tablets and phablets
– Charging accessories
 Support for Wireless Power Consortium (WPC)
1.2 EPP 15 W certified applications
– Backward compatible with 5 W WPC 1.1
applications
 Support for half bridge topology with DC/DC
 VIN range: 3 V to 5.5 V
– Supports USB Vin
 Active presence detector
 Foreign object detection
 Q-factor measurement
 Parametric customization via GUI
 Turnkey firmware solution
 Peripherals
– 10-bit ADC
– UART interface
–I2C master fast/slow speed rate
– GPIOs
 Memory
– Flash and EEPROM with read-while-write
(RWW) and Error Correction Code (ECC)
– Program memory: 32-Kbyte Flash; data
retention: 20 years at 55 °C after 1000
cycles at 55 °C
– Data memory: 1 Kbyte true data EEPROM;
data retention: 20 years at 55 °C after 1000
cycles at 85 °C
– RAM: 6 Kbytes
 Transmitter reference design:
– WPC Qi 1.2.3 certified
– MP-A10 single coil 15 W topology
– Evaluation board order code: STEVAL-
ISB044V1
– 2-layer PCBs
– Active object detection
– Graphical User Interface for application
monitoring
 Operating temperature: -40 °C up to 105 °C
 Package: VFQFPN32 - 5 x 5mm
Table 1. Device summary
Order code
Type
STWBC-EP
VFQFPN32 , tube
STWBC-EPTR
VFQFPN32 tape and reel
www.st.com


Similar Part No. - STWBC-EPTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWBC-EP STMICROELECTRONICS-STWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
More results

Similar Description - STWBC-EPTR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC56F825X FREESCALE-MC56F825X Datasheet
3Mb / 88P
Digital Signal Controller Battery chargers and management
logo
Unisonic Technologies
UM608 UTC-UM608 Datasheet
142Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363 UTC-UC34363 Datasheet
172Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
logo
STMicroelectronics
STWBC STMICROELECTRONICS-STWBC Datasheet
1Mb / 36P
Digital controller for wireless battery charger
26-Feb-2015
logo
Silver Telecom 2019
AG321T SILVERTEL-AG321T Datasheet
343Kb / 15P
15 Watt Qi compatible Wireless Power Module
logo
STMicroelectronics
STWLC68 STMICROELECTRONICS-STWLC68 Datasheet
1Mb / 32P
Qi-compliant inductive wireless power receiver for 5W applications
Rev 3
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
STMicroelectronics
STWBC2-HP STMICROELECTRONICS-STWBC2-HP Datasheet
5Mb / 96P
Digital controller for wireless battery charger transmitters
14-Sep-2021
logo
Infineon Technologies A...
WLC1515 INFINEON-WLC1515 Datasheet
628Kb / 44P
Wireless charging IC (WLC) 15-W transmitter for automotive applications
Rev. A 2023-05-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com