Electronic Components Datasheet Search
  English  ▼

X  

DL959B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DL959B
Description  0.5W Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL959B Datasheet(HTML) 2 Page - Micro Commercial Components

  DL959B Datasheet HTML 1Page - Micro Commercial Components DL959B Datasheet HTML 2Page - Micro Commercial Components DL959B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZENER VOLTAGE
3)
@TEST CURRENT
MAXIMUM ZENER
IMPEDANCE
1)
MAXIMUM REVERSE
LEAKAGE CURRENT
TEST-VOLTAGE
MAXIMUM ZENER
CURRENT
VZ
IZT
ZZT
ZZK
IZK
IR
2)
VR
IZM
2)
MCC
PART
NUMBER
V
mA
mA
µA
V
mA
DL957B
6.8
18.5
4.5
700
1.0
150
5.2
47
DL958B
7.5
16.5
5.5
700
0.5
75
5.7
42
DL959B
8.2
15
5.5
700
0.5
50
6.2
38
DL960B
9.1
14
5.5
700
0.5
10
6.9
35
DL961B
10
12.5
5.5
700
0.25
5
7.6
32
DL962B
11
11.5
5
700
0.25
5
8.4
28
DL963B
12
10.5
11.5
700
0.25
5
9.1
26
DL964B
13
9.5
13
700
0.25
5
9.9
24
DL965B
15
8.5
16
700
0.25
5
11.4
21
DL966B
16
7.8
17
700
0.25
5
12.2
19
DL967B
18
7.0
21
750
0.25
5
13.7
17
DL968B
20
6.2
25
750
0.25
5
15.2
15
DL969B
22
5.6
29
750
0.25
5
16.7
14
DL970B
24
5.2
33
750
0.25
5
18.2
13
DL971B
27
4.6
41
750
0.25
5
20.6
11
DL972B
30
4.2
49
1000
0.25
5
22.8
10
DL973B
33
3.8
58
1000
0.25
5
25.1
9.0
DL974B
36
3.4
70
1000
0.25
5
27.4
8.5
DL975B
39
3.2
80
1000
0.25
5
29.7
7.8
DL978B
51
2.5
125
1500
0.25
5
38.8
5.9
DL979B
56
2.2
150
2000
0.25
5
42.6
5.4
DL982B
75
1.7
270
2000
0.25
5
56
4.1
Note:
1)
The Zener impedance is derived from the 1kHz AC voltage which results when an AC current having an RMS
value equal to 10% of the Zener current (IZT) is superimposed on IZT Zener impedance is measured at two points
to insure a sharp knee on the breakdown curve and to eliminate unstable units.
2)
Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
3)
Measured with device junction in thermal equilibrium.
DL957B thru DL982B
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
Revision: 2
2009/09/01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com