Electronic Components Datasheet Search
  English  ▼

X  

DL960B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DL960B
Description  0.5W Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DL960B Datasheet(HTML) 1 Page - Micro Commercial Components

  DL960B Datasheet HTML 1Page - Micro Commercial Components DL960B Datasheet HTML 2Page - Micro Commercial Components DL960B Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL957B
THRU
DL982B
0.5W Silicon Planar
Zener Diodes
Features
Zener Voltage 6.8V to 75
Silicon Planar Power Zener Diodes
VZ – tolerance ± 5%
Maximum Ratings
Symbol
Value
Units
Zener Current
See Table 1
Power Dissipation
@ TA=25
Ptot
500
mW
Junction Temperature
TJ
200
Storage Temperature
Range
TSTG
-65 to 200
Electrical Characteristics @ 25 C Unless Otherwise Specified
Symbol
Maximum
Unit
Thermal resistance
R JA
300
oC/W
Forward Voltage
@ IF=200mA
VF
1.5
V
Mechanical Data
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
A
B
C
Cathode Mark
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
.008
.016
.20
.40
C
.055
.059
1.40
1.50
∅
0.075”
SUGGESTED SOLDER
PAD LAYOUT
MINIMELF
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
B
.008
.016
.20
.40
•
Glass Package
Marking : Cathode band denotes polarity
•
Operating Temperature: -65
°C to +175°C
Revision:
2
200
9/09/01
A
.130
.146
3.30
3.70
A
.130
.146
3.30
3.70
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
2. Valid provided that a distance of 8mm from case are kept at ambient temperature.


Similar Part No. - DL960B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL914 MCC-DL914 Datasheet
361Kb / 3P
500mW 100 Volt Silicon Switching Diode
logo
Shanghai Lunsure Electr...
DL914 CHENYI-DL914 Datasheet
338Kb / 3P
500mw 100volt silicon switching diode
logo
Micro Commercial Compon...
DL914 MCC-DL914 Datasheet
723Kb / 4P
500mW 100 Volt Silicon Switching Diode
logo
Sangdest Microelectroni...
DL914 SMC-DL914 Datasheet
166Kb / 4P
FAST SWITCHING DIODE
logo
Micro Commercial Compon...
DL914 MCC-DL914_11 Datasheet
723Kb / 4P
500mW 100 Volt Silicon Switching Diode
More results

Similar Description - DL960B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N957THRU1N978 CHENYI-1N957THRU1N978 Datasheet
46Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
0.5W SILICON PLANAR ZENER DIODES
1N5221 JINANJINGHENG-1N5221 Datasheet
383Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com