Electronic Components Datasheet Search
  English  ▼

X  

AD1671 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1671
Description  12-Bit A/D Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1671 Datasheet(HTML) 7 Page - Analog Devices

  AD1671 Datasheet HTML 1Page - Analog Devices AD1671 Datasheet HTML 2Page - Analog Devices AD1671 Datasheet HTML 3Page - Analog Devices AD1671 Datasheet HTML 4Page - Analog Devices AD1671 Datasheet HTML 5Page - Analog Devices AD1671 Datasheet HTML 6Page - Analog Devices AD1671 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AD1671
ASD0010777 Rev. M | Page 7 of 7
© 2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
10/2017
Rev
Description of Change
Date
A
Initiate
Feb. 29, 2000
B
Add flatpack. Add radiation part number. Exclude Delta’s from PDA. Delete reference to
unused subgroups in table II. Update Table III.
Aug. 21, 2001
C
Update web address.
Feb. 14, 2002
D
Change Table I AC parameters from subgroups 1, 2, 3 to subgroups 9, 10, 11. (SINAD, THD,
PS, Σ2nd and Σ 3RD)
Jan. 9, 2003
E
Delete burn-in circuit
Aug. 5, 2003
F
Change TCVOS, TCA, TCBPO, TCVRO from subgroups 2, 3 to subgroup 8. Add subgroup 8 to
Table II.
Jun. 14, 2004
G
Update header/footer and add to 1.0 Scope description.
Feb. 12, 2008
H
Add Junction Temperature (TJ).....+150°C
April 4, 2008
I
Change subgroup for ENOB to 9
Aug. 3, 2009
J
Match DNL limits and units to actual production test plus this now confirms testing does
ensure no missing codes. Minor limit format change for tests with LSB. Update document
formatting
Sep. 15, 2011
K
Removed obsolete part number
Nov. 7, 2011
L
Add application note to prevent oscillation
Jan. 18, 2015
M
Corrected Subgroup 8,9,10,11 to 2,3,4,5,6 ( TCVOS, TCA, TCBPO, TCVRO,SINAD, THD, PS,
Σ2nd and Σ 3RD). Add Fs symbol for Sample Rate.
Oct. 06, 2017



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com