Electronic Components Datasheet Search
  English  ▼

X  

AD1672 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1672
Description  12-BIT, 3 MSPS, A TO D CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1672 Datasheet(HTML) 3 Page - Analog Devices

  AD1672 Datasheet HTML 1Page - Analog Devices AD1672 Datasheet HTML 2Page - Analog Devices AD1672 Datasheet HTML 3Page - Analog Devices AD1672 Datasheet HTML 4Page - Analog Devices AD1672 Datasheet HTML 5Page - Analog Devices AD1672 Datasheet HTML 6Page - Analog Devices AD1672 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AD1672
ASD0010965 Rev. O | Page 3 of 7
3.0
Absolute Maximum Ratings
. (TA = 25°C, unless otherwise noted)
VCC with respect to ACOM................................................................................-0.5 to +6.5V
VDD with respect to DCOM................................................................................-0.5 to +6.5V
DRVDD with respect to DRCOM........................................................................-0.5 to +6.5V
ACOM with respect to DCOM, DRCOM ...........................................................-0.5 to +0.5V
Clock with respect to DCOM .................................................................... -0.5 to VDD + 0.5V
Digital Outputs with respect to DCOM...............................................-0.5V to DRVDD + 0.5V
AIN with respect to ACOM............................................................................. -6.5V to +6.5V
REFIN with respect to ACOM................................................................ -0.5V to VCC + 0.5V
Junction Temperature (TJ) ....................................................................................... +150°C
Operating Temperature Range.................................................................. -55°C to + 125°C
Storage Temperature ................................................................................. -65°C to +150°C
Lead Temperature (10 sec) ..................................................................................... +300°C
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of the specification is not implied. Exposure to
absolute maximum ratings for extended periods may effect device reliability.
3.1
Thermal Characteristics
:
Thermal Resistance, Sidebrazed (D) Package
Junction-to-Case (
JC) = 28°C/W Max
Junction-to-Ambient (
JA) = 70°C/W Max
Thermal Resistance, Bottom brazed (F) Package
Junction-to-Case (
JC) = 22°C/W Max
Junction-to-Ambient (
JA) = 60°C/W Max
4.0
Electrical Table
:
Table I
Parameter
(see notes at end of table)
Symbol
Conditions 1/
Unless Otherwise Specified
Sub
Group
Limit
Min
Limit
Max
Units
Resolution
No Missing Codes
1,2,3
12
Bits
Supply Current
IVCC
1,2,3
65
mA
IVDD
2
IDRVDD
2
Power Dissipation
PD
1,2,3
363
mW
Power supply rejection 3/
PSR
VCC = 5.0V ± 0.25V
1,2,3
-0.3
0.3
%FSR
VDD = 5.0V ± 0.25V
-0.3
0.3
VDRVDD = 3.0V to 5.25V
-0.1
0.1
ACCURACY
1,2,3
Integral Nonlinearity
INL
-2.5
2.5
LSB
Differential Nonlinearity
DNL
-1
1.5
LSB
Offset Zero
VOSE
-0.75
0.75
%FSR
Zero Error 5/
-0.75
0.75
%FSR
Gain Error 2/
-1.5
1.5
%FSR
Internal Voltage Reference 6/
VO
IOUT = 0.5 mA 4/
1,2,3
2.475
2.525
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com