Electronic Components Datasheet Search
  English  ▼

X  

IRLR4343 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLR4343
Description  DIGITAL AUDIO MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR4343 Datasheet(HTML) 2 Page - International Rectifier

  IRLR4343 Datasheet HTML 1Page - International Rectifier IRLR4343 Datasheet HTML 2Page - International Rectifier IRLR4343 Datasheet HTML 3Page - International Rectifier IRLR4343 Datasheet HTML 4Page - International Rectifier IRLR4343 Datasheet HTML 5Page - International Rectifier IRLR4343 Datasheet HTML 6Page - International Rectifier IRLR4343 Datasheet HTML 7Page - International Rectifier IRLR4343 Datasheet HTML 8Page - International Rectifier IRLR4343 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.irf.com
IRLR/U4343 & IRLU4343-701
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
∆ΒV
DSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
15
–––
mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
42
50
m
Ω
–––
57
65
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
∆V
GS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-4.4
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
2.0
µA
–––
–––
25
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
8.8
–––
–––
S
Qg
Total Gate Charge
–––
28
42
Qgs
Pre-Vth Gate-to-Source Charge
–––
3.5
–––
VGS = 10V
Qgd
Gate-to-Drain Charge
–––
9.5
–––
ID = 19A
Qgodr
Gate Charge Overdrive
–––
15
–––
See Fig. 6 and 19
td(on)
Turn-On Delay Time
–––
5.7
–––
tr
Rise Time
–––
19
–––
td(off)
Turn-Off Delay Time
–––
23
–––
ns
tf
Fall Time
–––
5.3
–––
Ciss
Input Capacitance
–––
740
–––
Coss
Output Capacitance
–––
150
–––
pF
Crss
Reverse Transfer Capacitance
–––
59
–––
Coss
Effective Output Capacitance
–––
250
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
i
A
EAR
Repetitive Avalanche Energy
i
mJ
Diode Characteristics
Parameter
Min.
Typ. Max. Units
IS @ TC = 25°C Continuous Source Current
–––
–––
26
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
80
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
52
78
ns
Qrr
Reverse Recovery Charge
–––
100
150
nC
VDS = 25V, ID = 19A
VDS = 44V
VDD = 28V, VGS = 10V
e
integral reverse
ƒ = 1.0MHz,
See Fig.5
ID = 19A
RG = 2.5Ω
VGS = 0V, VDS = 0V to -44V
MOSFET symbol
showing the
See Fig. 14, 15, 17a, 17b
Typ.
–––
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 4.7A
e
TJ = 25°C, IS = 19A, VGS = 0V
e
TJ = 25°C, IF = 19A
di/dt = 100A/µs
e
VGS = 0V
Conditions
p-n junction diode.
VDS = 50V
and center of die contact
f
Max.
160
VDS = 55V, VGS = 0V, TJ = 125°C
VGS = 20V
VGS = -20V
VGS = 4.5V, ID = 3.8A
e
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com