Electronic Components Datasheet Search
  English  ▼

X  

IXFX50N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFX50N50
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX50N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFX50N50 Datasheet HTML 1Page - IXYS Corporation IXFX50N50 Datasheet HTML 2Page - IXYS Corporation IXFX50N50 Datasheet HTML 3Page - IXYS Corporation IXFX50N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
6,306,728B1
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the
Intrinsic Diode
Figure10. Forward Bias Safe Operating Area
IXFX 50N50
IXFX 55N50
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.00
0.01
0.10
1.00
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
T
J = 125
OC
T
J = 25
OC
Gate Charge - nC
0
50
100
150
200
250
300
350
0
2
4
6
8
10
12
V
DS = 250V
I
D = 27.5A
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
Crss
Coss
Ciss
f = 1MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com