Electronic Components Datasheet Search
  English  ▼

X  

PE3C2009 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C2009
Description  4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax with HeatShrink, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2009 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C2009 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2009 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2009 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2009 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C2009 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
4.1/9.5 Mini DIN Male
4.1/9.5 Mini DIN Male
Impedance
50 Ohms
50 Ohms
Contact Material and Plating
Brass, Silver
Brass, Silver
Dielectric Type
PTFE
PTFE
Body Material and Plating
Brass, Silver
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Brass, Tri-Metal
Hex Size
3/4 inch
3/4 inch
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
•
Values at 25°C, sea level.
PE3C2009 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed Low PIM Cable Using SR-
402FLJ Low PIM Coax with HeatShrink, RoHS PE3C2009
RF Cable Assemblies Technical Data Sheet
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male
LSZH Jacketed Low PIM Cable Using SR402FLJ
Low PIM Coax with HeatShrink, RoHS
PE3C2009



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com