Electronic Components Datasheet Search
  English  ▼

X  

FDMF4061 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDMF4061
Description  High Performance 60V Smart Power Stage Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF4061 Datasheet(HTML) 3 Page - ON Semiconductor

  FDMF4061 Datasheet HTML 1Page - ON Semiconductor FDMF4061 Datasheet HTML 2Page - ON Semiconductor FDMF4061 Datasheet HTML 3Page - ON Semiconductor FDMF4061 Datasheet HTML 4Page - ON Semiconductor FDMF4061 Datasheet HTML 5Page - ON Semiconductor FDMF4061 Datasheet HTML 6Page - ON Semiconductor FDMF4061 Datasheet HTML 7Page - ON Semiconductor FDMF4061 Datasheet HTML 8Page - ON Semiconductor FDMF4061 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
© 2016 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF4061 Rev.1.0
2
Functional Block Diagram
LI
VDD
VIN
VSS
SW
HO
HI
Q1
POWER
MOSFET
(high side)
Q2
POWER
MOSFET
(low side)
PGND
LO
HB
PH
UVLO
UVLO
LEVEL
SHIFT
HG
LG
VDD
500k
500k
Figure 1. Functional Block Diagram
Pin Configuration
LG
2
3
4
VIN
PGND
PGND
33
35
36
5
6
7
LG
PGND
VIN
VIN
PGND
PGND
VDD
8
9
Top View
LO
32
28
31
26
27
LI
HI
VSS
10
1
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
PGND
37
N/C
29
34
30
Figure 2. Pin Configuration (6.0mm x 7.5mm Package)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com