Electronic Components Datasheet Search
  English  ▼

X  

FDMF6704 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FDMF6704
Description  The Xtra Small, High Performance, High Frequency DrMOS Module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6704 Datasheet(HTML) 4 Page - ON Semiconductor

  FDMF6704 Datasheet HTML 1Page - ON Semiconductor FDMF6704 Datasheet HTML 2Page - ON Semiconductor FDMF6704 Datasheet HTML 3Page - ON Semiconductor FDMF6704 Datasheet HTML 4Page - ON Semiconductor FDMF6704 Datasheet HTML 5Page - ON Semiconductor FDMF6704 Datasheet HTML 6Page - ON Semiconductor FDMF6704 Datasheet HTML 7Page - ON Semiconductor FDMF6704 Datasheet HTML 8Page - ON Semiconductor FDMF6704 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3
www.fairchildsemi.com
FDMF6704 Rev. G
Pin Description
Absolute Maximum Rating
* IO(AV) and IO(peak) are measured in FCS evaluation board. These ratings can be changed with different application setting.
Recommended Operating Range
* May be operated at lower input voltage. See figure 10.
Pin
Name
Function
1
SMOD#
When SMOD# = HI, low side driver is inverse of PWM input. When SMOD# = Low, low
side driver is disabled. This pin has no internal pullup or pulldown. It should not be left
floating. Do not add noise filter cap.
2
VCIN
IC bias supply. Minimum 1 F ceramic capacitor is recommended from this pin to CGND.
3
VDRV
Power for low side driver. Minimum 1 F ceramic capacitor is recommended to be
connected as close as possible from this pin to CGND.
4
BOOT
Bootstrap supply input. Provides voltage supply to high-side MOSFET driver. Connect
bootstrap capacitor from this pin to PHASE.
5, 37, 41
CGND
IC ground. Ground return for driver IC.
6
GH
For manufacturing test only. This pin must be floated. Must not be connected to any pin.
7
PHASE
Switch node pin for easy bootstrap capacitor routing. Electrically shorted to VSWH pin.
8, 38
NC
No connect.
9-14, 42
VIN
Power input. Output stage supply voltage.
15, 29-35, 43
VSWH
Switch node input. Provides return for high-side bootstrapped driver and acts as a
sense point for the adaptive shoot-thru protection.
16-28
PGND
Power ground. Output stage ground. Source pin of low side MOSFET(s).
36
GL
For manufacturing test only. This pin must be floated. Must not be connected to any pin.
39
DISB#
Output disable. When low, this pin disable FET switching (GH and GL are held low). This
pin has no internal pullup or pulldown. It should not be left floating. Do not add noise filter
cap.
40
PWM
PWM Signal Input. This pin accepts a Tri-state logic-level PWM signal from the controller.
Do not add noise filter cap.
Parameter
Min
Max
Units
VCIN, VDRV, DISB#, PWM, SMOD#, GL to CGND
6
V
VIN to PGND, CGND
27
V
BOOT, GH to VSWH, PHASE
6
V
BOOT, VSWH, PHASE, GH to GND
27
V
BOOT to VDRV
22
V
IO(AV)*
VIN = 12 V, VO = 1.3 V
fSW = 350 kHz
35
A
fSW = 1 MHz
32
A
IO(peak)*
80
A
RθJPCB
Junction to PCB Thermal Resistance
3.75
°C/W
Operating and Storage Junction Temperature Range
-55
150
°C
Parameter
Min
Typ
Max
Units
VCIN
Control Circuit Supply Voltage
4.5
5
5.5
V
VIN
Output Stage Supply Voltage
3*
12
14
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com