Electronic Components Datasheet Search
  English  ▼

X  

PE7028 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7028
Description  50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 500 MHz RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7028 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7028 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7028 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7028 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Design
Fixed Matching Pad
Body Style
Straight
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
N Male
Impedance 2
75 Ohms
Electrical Specifications
Frequency Range, MHz
DC to 500
Maximum VSWR
1.35:1
Maximum Attenuation, dB
5.7
Attenuation Accuracy
± 0.5
Maximum Input Power, Watts
1
Directionality
Bidirectional
Mechanical Specifications
Temperature
Operating Range,deg C
-30 to +70
Size
Length, in [mm]
1.85 [46.99]
Width/Dia., in [mm]
0.8 [20.32]
.
Body Material and Plating
Brass, Nickel
Connector 1
Type
N Female
Dielectric Type
Teflon
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Connector 2
Type
N Male
Dielectric Type
Teflon
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 500 MHz RoHS
Compliant PE7028
PE7028
PE7028 REV 1.1
50 Ohm N Female To 75 Ohm N Male Matching Pad
Operating From DC to 500 MHz RoHS Compliant


Similar Part No. - PE7028

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7028 PASTERNACK-PE7028 Datasheet
209Kb / 3P
50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 2 GHz RoHS Compliant
More results

Similar Description - PE7028

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7027 PASTERNACK-PE7027 Datasheet
206Kb / 3P
50 Ohm N Male To 75 Ohm N Female Matching Pad Operating From DC to 2 GHz RoHS Compliant
PE7028 PASTERNACK-PE7028 Datasheet
209Kb / 3P
50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 2 GHz RoHS Compliant
PE7070 PASTERNACK-PE7070 Datasheet
241Kb / 3P
50 Ohm N Male To 75 Ohm N Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7071 PASTERNACK-PE7071 Datasheet
249Kb / 3P
50 Ohm N Male To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7072 PASTERNACK-PE7072 Datasheet
217Kb / 3P
50 Ohm N Male To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7073 PASTERNACK-PE7073 Datasheet
216Kb / 3P
50 Ohm N Female To 75 Ohm F Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE7074 PASTERNACK-PE7074 Datasheet
215Kb / 3P
50 Ohm N Female To 75 Ohm F Female Matching Pad Operating From DC to 3 GHz RoHS Compliant
PE70MP1001 PASTERNACK-PE70MP1001 Datasheet
383Kb / 4P
50 Ohm N Female To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE70MP1002 PASTERNACK-PE70MP1002 Datasheet
381Kb / 4P
50 Ohm N Male To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PE7083 PASTERNACK-PE7083 Datasheet
204Kb / 3P
50 Ohm N Female To 75 Ohm N Male Matching Pad Operating From DC to 3 GHz RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com