Electronic Components Datasheet Search
  English  ▼

X  

LM75ADP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # LM75ADP
Description  Digital temperature sensor and thermal Watchdog
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM75ADP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button LM75ADP Datasheet HTML 10Page - NXP Semiconductors LM75ADP Datasheet HTML 11Page - NXP Semiconductors LM75ADP Datasheet HTML 12Page - NXP Semiconductors LM75ADP Datasheet HTML 13Page - NXP Semiconductors LM75ADP Datasheet HTML 14Page - NXP Semiconductors LM75ADP Datasheet HTML 15Page - NXP Semiconductors LM75ADP Datasheet HTML 16Page - NXP Semiconductors LM75ADP Datasheet HTML 17Page - NXP Semiconductors LM75ADP Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Philips Semiconductors
Product data sheet
LM75A
Digital temperature sensor and thermal Watchdog
™
2004 Oct 05
17
REVISION HISTORY
Rev
Date
Description
_2
20041005
Product data sheet (9397 750 14174). Supersedes data of 2001 Jul 16 (9397 750 08571).
Modifications:
• “Features” section:
– 7th bullet: add “
±3 °C from –55 °C to +125 °C”
– add “ESD” bullet
– add “Latch-up“ bullet
• “Ordering information” table: ‘Topside mark’ column
• Figure 2, “Simplified block diagram” modified.
• Section “Typical connection” re-named to “Typical application” (page 4); added resistor values to Figure 3.
_1
20010716
Product data (9397 750 08571). ECN 853-2266 26719 of 16 July 2001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com