Electronic Components Datasheet Search
  English  ▼

X  

DB101L Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DB101L
Description  1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DB101L Datasheet(HTML) 1 Page - Micro Commercial Components

  DB101L Datasheet HTML 1Page - Micro Commercial Components DB101L Datasheet HTML 2Page - Micro Commercial Components DB101L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DB101
L
THRU
DB107
L
1 Amp Single Phase
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
•
4-PIN DIP Package
•
Glass Passivated Diode Construction
•
High Surge
Forward Current Capability
•
Operating Junction Temperature: -55°C to +150°C
•
Storage Temperature: -55°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
DB101
L
DB101
L
50V
35V
50V
DB102
L
DB102
L
100V
70V
100V
DB103
L
DB103
L
200V
140V
200V
DB104
L
DB104
L
400V
280V
400V
DB105
L
DB105
L
600V
420V
600V
DB106
L
DB106
L
800V
560V
800V
DB107
L
DB107
L
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1 A
TA = 40°C
Peak Forward Surge
Current
IFSM
3
0A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.
05V IFM = 1.0A;
TJ = 25°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10µA
TJ = 25°C
DB
L-1
Revision:
A
20
16/02/03
DIMENSIONS
DIM
MIN
MAX
MIN
MAX
NOTE
A
.316
.335
8.05
8.51
B
.245
.255
6.20
6.50
C
.300
.350
7.60
8.90
D
.
150
.
185
3.81
4.69
E
.
093
.
096
2.
35
2.45
A
B
C
D
E
G
H
+
-
~
~
Notch
F
H
G
INCHES
MM
.195
.01
8
.02
3
.4
6
.56
.205
5.00
5.20
F
www.mccsemi.com
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Thermal Resistance : Rthja:
68C/W;RthJL:15C/W.
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Maximum Ratings
•
Halogen free available upon request by adding suffix "-HF"
•
Moisture Sensitivity Level 1
• Epoxy meets UL 94 V-0 flammability rating
I2t
3.7A2S
Current Squared
Time
1ms≤t<8.3ms Tj=25℃,
Rating of per diode
Micro Commercial Components
M C C
TM
.
050
.
080
1.27
2.03
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#


Similar Part No. - DB101L

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101LS RECTRON-DB101LS Datasheet
197Kb / 4P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
DB101LS RECTRON-DB101LS_10 Datasheet
165Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results

Similar Description - DB101L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DB101 MCC-DB101 Datasheet
84Kb / 2P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBU4A MCC-GBU4A Datasheet
116Kb / 2P
4 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
SDB101 MCC-SDB101 Datasheet
103Kb / 2P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Daya Electric Group Co....
DB101 DAYA-DB101 Datasheet
88Kb / 2P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
DB101 MCC-DB101_11 Datasheet
255Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
DB10114 MCC-DB10114 Datasheet
416Kb / 3P
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC50005 MCC-GBPC50005 Datasheet
422Kb / 3P
50 Amp Glass Passivated Single Phase Bridge Rectifier 50 to 1000 Volts
TBSL40A MCC-TBSL40A Datasheet
458Kb / 3P
4.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com