Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4680 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MMSZ4680
Description  500mW Silicon Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ4680 Datasheet(HTML) 3 Page - Micro Commercial Components

  MMSZ4680 Datasheet HTML 1Page - Micro Commercial Components MMSZ4680 Datasheet HTML 2Page - Micro Commercial Components MMSZ4680 Datasheet HTML 3Page - Micro Commercial Components MMSZ4680 Datasheet HTML 4Page - Micro Commercial Components MMSZ4680 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMSZ4678 thru MMSZ4716
www.mccsemi.com
3 of 5
TYPICAL CHARACTERISTICS
VZ, NOMINAL ZENER VOLTAGE (V)
−3
−2
−1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
Figure 1. Temperature Coefficients
(Temperature Range − 55°C to +150°C)
TYPICAL TC VALUES
VZ @ IZT
100
10
1
10
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 2. Temperature Coefficients
(Temperature Range − 55°C to +150°C)
VZ @ IZT
1.2
1.0
0.8
0.6
0.4
0.2
0
150
125
100
75
50
25
0
T, TEMPERATURE (
°C)
Figure 3. Steady State Power Derating
PD versus TA
PD versus TL
0.1
PW, PULSE WIDTH (ms)
Figure 4. Maximum Nonrepetitive Surge Power
1
10
100
1000
1000
100
10
1
RECTANGULAR
WAVEFORM, TA = 25°C
TYPICAL TC VALUES
Revision: D
2016/08/15
Micro Commercial Components
M C C
R
1000
100
IZ = 1 mA
5 mA
TJ = 25°C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
20 mA
10
.
1
1
100
10
VZ, NOMINAL ZENER VOLTAGE
Figure 5. Effect of Zener Voltage on
Zener Impedance



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com