Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4682 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MMSZ4682
Description  500mW Silicon Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ4682 Datasheet(HTML) 4 Page - Micro Commercial Components

  MMSZ4682 Datasheet HTML 1Page - Micro Commercial Components MMSZ4682 Datasheet HTML 2Page - Micro Commercial Components MMSZ4682 Datasheet HTML 3Page - Micro Commercial Components MMSZ4682 Datasheet HTML 4Page - Micro Commercial Components MMSZ4682 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.mccsemi.com
4 of 5
MMSZ4678 thru MMSZ4716
TYPICAL CHARACTERISTICS
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 7. Typical Capacitance
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
TA = 25°C
0 V BIAS
1 V BIAS
VZ, ZENER VOLTAGE (V)
1000
100
10
1 10
20
30
40
50
TA = 25°C
90
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 8. Typical Leakage Current
1000
100
10
1
0.1
0.01
0.001
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150°C
+25 °C
−55°C
Figure 10. Zener Voltage versus Zener Current
(12 V to 39 V)
Revision: D
2016/08/15
02468
10
12
1
200
400
600
800
1000
VZ, ZENER VOLTAGE (V)
Figure 9. Zener Voltage versus Zener Current
(VZ Up to 12 V)
TA = 25°C
Micro Commercial Components
M C C
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com