Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4685 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMSZ4685
Description  500mW Silicon Zener Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMSZ4685 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMSZ4685 Datasheet HTML 1Page - Micro Commercial Components MMSZ4685 Datasheet HTML 2Page - Micro Commercial Components MMSZ4685 Datasheet HTML 3Page - Micro Commercial Components MMSZ4685 Datasheet HTML 4Page - Micro Commercial Components MMSZ4685 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
THRU
500mW Silicon
Zener Diodes
Features
Zener Voltage 1.8V-39V
Very Sharp Reverse Characteristic
VZ – tolerance ± 5%
High Reliability
Maximum Ratings
Symbol
Value
Units
Max. Steady State Power
Dissipation at
TL<75
OC, Lead Length=3/8”
PD
500
mW
Junction Temperature
TJ
150
Storage Temperature Range
TSTG
-55to 150
Thermal Resistance( Junction
to Ambient)
RthJA
340
K/W
Electrical Characteristics @ 25 C Unless Otherwise Specified
Symbol
Maximum
Unit
Max. Forward Voltage
@ IF=10mA
VF
0.95
V
Mechanical Data
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
1 of 5
MMSZ4678
MMSZ4716
Polarity: Cathode indicated by polarity band
SOD-123
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
A
B
E
C
J
D
H
G
0.036”
0.093
0.048”
SUGGESTED SOLDER
PAD LAYOUT
www.mccsemi.com
•
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
D
20
16/08/15
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R


Similar Part No. - MMSZ4685

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4685 GE-MMSZ4685 Datasheet
40Kb / 2P
ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4685 EIC-MMSZ4685 Datasheet
118Kb / 4P
ZENER DIODES
logo
TAITRON Components Inco...
MMSZ4685 TAITRON-MMSZ4685 Datasheet
156Kb / 6P
500mW Two Terminals SMD Zener Diodes
logo
Rectron Semiconductor
MMSZ4685 RECTRON-MMSZ4685 Datasheet
373Kb / 5P
SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 43 Volts POWER RATING 500 mWatts
logo
Shenzhen Luguang Electr...
MMSZ4685 LUGUANG-MMSZ4685 Datasheet
421Kb / 3P
Zener Diodes
More results

Similar Description - MMSZ4685

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
500mW Silicon Zener Diodes
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
500mW Silicon Zener Diodes
logo
Digitron Semiconductors
1N957B DIGITRON-1N957B Datasheet
196Kb / 3P
500mW SILICON ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
500mW Silicon Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com