Electronic Components Datasheet Search
  English  ▼

X  

MCD40 Datasheet(PDF) 1 Page - IXYS Corporation

Part # MCD40
Description  Thyristor/Diode Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCD40 Datasheet(HTML) 1 Page - IXYS Corporation

  MCD40 Datasheet HTML 1Page - IXYS Corporation MCD40 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
1 - 2
Symbol
Test Conditions
Maximum Ratings
I
TRMS, IFRMS
T
VJ = TVJM; TC = 85°C60
A
I
TAVM, IFAVM
T
VJ = TVJM; TC = 85°C; 180° sine
38
A
I
TSM, IFSM
T
VJ = 45°C;
t = 10 ms (50 Hz), sine
500
A
V
R = 0
t = 8.3 ms (60 Hz), sine
440
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
450
A
V
R = 0
t = 8.3 ms (60 Hz), sine
490
A
òi2dt
T
VJ = 45°C
t = 10 ms (50 Hz), sine
1250
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1220
A2s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1010
A2s
V
R = 0
t = 8.3 ms (60 Hz), sine
1010
A2s
(di/dt)
cr
T
VJ = TVJM
repetitive, I
T = 45 A
100
A/
ms
f = 50 Hz, t
P =200 ms
V
D = 2/3 VDRM
I
G = 0.45 A
non repetitive, I
T = ITAVM
500
A/
ms
di
G/dt = 0.45 A/ms
(dv/dt)
cr
T
VJ = TVJM;VDR = 2/3 VDRM
1000
V/
ms
R
GK = ¥; method 1 (linear voltage rise)
P
GM
T
VJ = TVJM
t
P =
30
ms10
W
I
T = ITAVM
t
P = 300 ms5
W
P
GAV
0.5
W
V
RGM
10
V
T
VJ
-40...+125
°C
T
VJM
125
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz, RMS
I
ISOL £ 1 mA
2500
V~
M
d
Mounting torque (M4)
1.5/13 Nm/lb.in.
Terminal connection torque (M4)
1.5/13 Nm/lb.in.
Weight
Typical including screws
30
g
I
TRMS
= 2x 60 A
I
TAVM
= 2x 38 A
V
RRM = 1200-1600 V
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1300
1200
MCD 40-12io6
1700
1600
MCD 40-16io6
Data according to IEC 60747 refer to a single thyristor/diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions
Features
q
International standard package
miniBLOC, SOT-227 B
q
Planar passivated chips
Applications
q
DC motor control
q
Softstart AC motor controller
q
Light, heat and temperature control
q
Half controlled rectifier bridge
Advantages
q
Space and weight savings
q
Simple mounting with two screws
q
Improved temperature and power
cycling
q
Reduced protection circuits
MCD 40
Preliminary data
K
G
A/K
A
SOT-227 B,
miniBLOC
K = Cathode, A = Anode, G = Gate,
A/K = Common output
A
A/K
G K
Thyristor/Diode Module


Similar Part No. - MCD40

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD40-16IO6 IXYS-MCD40-16IO6 Datasheet
714Kb / 5P
Thyristor Phase leg
More results

Similar Description - MCD40

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDT-50H SEMPO-SMDT-50H Datasheet
43Kb / 1P
Diode-Thyristor Module
SMDT-70I SEMPO-SMDT-70I Datasheet
50Kb / 1P
Diode-Thyristor Module
SMDT-90 SEMPO-SMDT-90 Datasheet
78Kb / 1P
Diode-Thyristor Module
SMDT-130 SEMPO-SMDT-130 Datasheet
454Kb / 1P
Diode-Thyristor Module
SMDT-130I SEMPO-SMDT-130I Datasheet
61Kb / 1P
Diode-Thyristor Module
SMDT-160H SEMPO-SMDT-160H Datasheet
45Kb / 1P
Diode-Thyristor Module
SMTD-100H SEMPO-SMTD-100H Datasheet
43Kb / 1P
THYRISTOR-DIODE MODULE
SMTD-650I SEMPO-SMTD-650I Datasheet
81Kb / 1P
THYRISTOR-DIODE MODULE
SMDT-500H SEMPO-SMDT-500H Datasheet
347Kb / 1P
Diode-Thyristor Module
SMTD-60I SEMPO-SMTD-60I Datasheet
50Kb / 1P
THYRISTOR-DIODE MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com