Electronic Components Datasheet Search
  English  ▼

X  

ATPL100A Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATPL100A
Description  FSK Power Line Communications SoC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL100A Datasheet(HTML) 2 Page - ATMEL Corporation

  ATPL100A Datasheet HTML 1Page - ATMEL Corporation ATPL100A Datasheet HTML 2Page - ATMEL Corporation ATPL100A Datasheet HTML 3Page - ATMEL Corporation ATPL100A Datasheet HTML 4Page - ATMEL Corporation ATPL100A Datasheet HTML 5Page - ATMEL Corporation ATPL100A Datasheet HTML 6Page - ATMEL Corporation ATPL100A Datasheet HTML 7Page - ATMEL Corporation ATPL100A Datasheet HTML 8Page - ATMEL Corporation ATPL100A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Atmel ATPL100A [Summary datasheet]
43002A-ATPL-03/12
2
Description
The ATPL100A is a Power Line Communications System on Chip. It implements a
full PLC node using FSK modulations and includes a hardwired Medium Access
Controller (ADD1210). It has been developed to reduce the CPU computational load
in PLC systems. Thus, the microcontroller is free to be used in the applications tasks.
MAC functional capabilities of ATPL100A (performed in ADD1210 Medium Access
Controller) involve the construction of message packets, adding convolutional or FEC
(Forward Error Correction) codes to bytes and FCS (Frame Check Sequence) to
packets. In reception, the MAC provides frame detection and Viterbi decoding or FCS
and FEC correction.
ATPL100A MAC design is versatile and allows users to create a wide range of
datagram structures. The MAC can be set in a bypass mode allowing direct
connection between the microcontroller and the modem to support old FSK software
that doesn’t include the MAC.
ATPL100A PLC modem (ADD1310) can use a single power supply of 3.3V and a few
external components. It supports several Analog Front End (AFE) configurations
suitable for Automatic Meter Reading (AMR) or Home Automation. It can replace the
traditional analog PLC modem and can use the same software libraries or a simplified
version if the hardwired MAC is used.
ATPL100A core (ADD8051C3A) includes all features of the standard 8051, with an
average speed up x5 and some additional features.
The microcontroller includes some specific peripherals as a 4 input / 4 output dimmer
for power regulation (phase angle control), also being able to generate a PWM
(Pulse-Width Modulation) control.
A flash program loader allows to store the microcontroller program in a standard SPI
serial flash memory and to execute it from internal SRAM. In the start-up process the
program is uploaded from serial flash to the internal 128Kbytes of SRAM before start
execution, after start-up the free space in the serial flash can be used to store
application data. ATPL100A includes an encryption engine for code protection. Using
a larger flash, several programs can be stored at the same time and the
microcontroller can switch from one program to another, this feature could be used to
reprogram the SoC using PLC downloading.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com