Electronic Components Datasheet Search
  English  ▼

X  

ATPL230A Datasheet(PDF) 106 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 106 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 102Page - ATMEL Corporation ATPL230A Datasheet HTML 103Page - ATMEL Corporation ATPL230A Datasheet HTML 104Page - ATMEL Corporation ATPL230A Datasheet HTML 105Page - ATMEL Corporation ATPL230A Datasheet HTML 106Page - ATMEL Corporation ATPL230A Datasheet HTML 107Page - ATMEL Corporation ATPL230A Datasheet HTML 108Page - ATMEL Corporation ATPL230A Datasheet HTML 109Page - ATMEL Corporation ATPL230A Datasheet HTML 110Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
106
10.
Electrical characteristics
10.1
Absolute Maximum Ratings
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be
restricted to the conditions given in the Recommended Operating Conditions section. Exposure to the Absolute
Maximum Conditions for extended periods may affect device reliability.
Notes: 1. DC current that continuously flows for 10ms or more, or average DC current.
2. Applies to all the pins except EMIT pins. EMIT pins should be only used according to circuit configura-
tions recommended by Atmel.
Table 10-1. Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDDIO
-0.5 to 4.0
V
Input Voltage
VI
-0.5 to VDDIO +0.5 (≤ 4.0V)
Output Voltage
VO
-0.5 to VDDIO +0.5 (<4.0V)
Storage Temperature
TST
-55 to 125
ºC
Junction Temperature
TJ
-40 to 125
Output Current(1)
IO
±10(2)
mA
Precautions
for
handling
electrostatic
sensitive
devices
should
be
taken
into
account
to
avoid
malfunction.
Charged
devices
and
circuit
boards
can
discharge
without detection.
ATTENTION observe EDS precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com