Electronic Components Datasheet Search
  English  ▼

X  

ATPL230A Datasheet(PDF) 108 Page - ATMEL Corporation

Part # ATPL230A
Description  ATPL Series Power Line Communications Device
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATPL230A Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button ATPL230A Datasheet HTML 104Page - ATMEL Corporation ATPL230A Datasheet HTML 105Page - ATMEL Corporation ATPL230A Datasheet HTML 106Page - ATMEL Corporation ATPL230A Datasheet HTML 107Page - ATMEL Corporation ATPL230A Datasheet HTML 108Page - ATMEL Corporation ATPL230A Datasheet HTML 109Page - ATMEL Corporation ATPL230A Datasheet HTML 110Page - ATMEL Corporation ATPL230A Datasheet HTML 111Page - ATMEL Corporation ATPL230A Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 122 page
background image
ATPL230A [DATASHEET]
Atmel-43053J-ATPL230A-Datasheet_22-Sep-16
108
10.3
Electrical Pinout
I/O = pin direction:
I = input, O = output, T = tri-state, P = power
I(mA) = nominal current:
+ = source, - = sink, X = fixed by external resistor. See “V-I curves”
Res = pin pull up/pull down resistor:
PU = pull up, PD = pull down (15 - 70 kΩ, typical 33 kΩ)
HY = Input Hysteresis:
Y = yes
Table 10-4.
80 - Lead LQFP Electrical Pinout
Pin No
Pin Name
I/O
I(mA)
Res
HY
Pin No
Pin Name
I/O
I(mA)
Res
HY
1
NC
-
-
-
-
41
GND
P
-
-
-
2
NC
-
-
-
-
42
EMIT8
OT
± X
-
-
3
NC
-
-
-
-
43
EMIT9
OT
± X
-
-
4
ARST
I
-
PU
Y
44
EMIT10
OT
± X
-
-
5
PLL INIT
I
-
PU
Y
45
EMIT11
OT
± X
-
-
6
GND
P
-
-
-
46
VDDIO
P
-
-
-
7
CLKEA
I
-
-
-
47
GND
P
-
-
-
8
GND
P
-
-
-
48
VDDOUT
P
-
-
-
9
CLKEB
I/O
-
-
-
49
TXRX0
O
± 8
-
-
10
VDDIO
P
-
-
-
50
TXRX1
O
± 8
-
-
11
GND
P
-
-
-
51
GND
P
-
-
-
12
VDDPLL
P
-
-
-
52
AGC2
OT
± 8
-
-
13
GND
P
-
-
-
53
AGC5
OT
± 8
-
-
14
VDDIN
P
-
-
-
54
AGC1
OT
± 6
-
-
15
VDDIN
P
-
-
-
55
AGC4
OT
± 6
-
-
16
GND
P
-
-
-
56
AGC0
OT
± 4
-
-
17
VDDOUT
P
-
-
-
57
AGC3
OT
± 4
-
-
18
GND
P
-
-
-
58
VDDIO
P
-
-
-
19
NC
-
-
-
-
59
GND
P
-
-
-
20
SRST
I
-
PU
Y
60
EINT
O
± 4
-
-
21
VDDIO
P
-
-
-
61
GND
P
-
-
-
22
NC
-
-
-
-
62
AGND
P
-
-
-
23
CLKOUT
O
± 8
-
-
63
VDDOUT AN
P
-
-
-
24
CS
I
-
PU
Y
64
VIMA
I
-
-
-
25
SCK
I
-
PU
Y
65
VIPA
I
-
-
-
26
MOSI
I
-
PU
Y
66
VDDOUT AN
P
-
-
-
27
MISO
OT
± 4
-
-
67
AGND
P
-
-
-
28
VDDIO
P
-
-
-
68
VRP
O
-
-
-
29
GND
P
-
-
-
69
VRM
O
-
-
-
30
EMIT0
OT
± X
-
-
70
VRC
O
-
-
-
31
EMIT1
OT
± X
-
-
71
VDDIN AN
P
-
-
-
32
EMIT2
OT
± X
-
-
72
AGND
P
-
-
-
33
EMIT3
OT
± X
-
-
73
AGND
P
-
-
-
34
VDDIO
P
-
-
-
74
VDDIN AN
P
-
-
-
35
GND
P
-
-
-
75
GND
P
-
-
-
36
EMIT4
OT
± X
-
-
76
VDDIO
P
-
-
-
37
EMIT5
OT
± X
-
-
77
VZ CROSS
I
-
PD
Y
38
EMIT6
OT
± X
-
-
78
NC
-
-
-
-
39
EMIT7
OT
± X
-
-
79
NC
-
-
-
-
40
VDDIO
P
-
-
-
80
NC
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com