Electronic Components Datasheet Search
  English  ▼

X  

LTL30ECBFNJ-112A Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTL30ECBFNJ-112A
Description  Through Hole Lamp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL30ECBFNJ-112A Datasheet(HTML) 8 Page - Lite-On Technology Corporation

Back Button LTL30ECBFNJ-112A Datasheet HTML 3Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 4Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 5Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 6Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 7Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 8Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 9Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 10Page - Lite-On Technology Corporation LTL30ECBFNJ-112A Datasheet HTML 11Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
7/10
Part No. : LTL30ECBFNJ-112A
BNS-OD-FC002/A4
Through Hole Lamp
LTL30ECBFNJ-112A
8. Bin Table Specification
Bin Code
Luminous Intensity
(Blue)
Unit : mcd @20mA
Bin Code
Luminous Intensity
(Orange)
Unit : mcd @20mA
Min.
Max.
Min.
Max.
KL
310
520
KL
310
520
MN
520
880
MN
520
880
Note: Tolerance of each bin limit is ±30%
Bin Code
Dominant Wavelength
(Blue)
Unit : nm @20mA
Bin Code
Dominant Wavelength
(Orange)
Unit : nm @20mA
Min.
Max.
Min.
Max.
B08
465.0
470.0
H23
598.0
605.0
B09
470.0
475.0
H24
605.0
612.0
Note: Tolerance of each bin limit is ±1nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com