Electronic Components Datasheet Search
  English  ▼

X  

SMA5C39 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SMA5C39
Description  3.0 Watt Surface Mount Silicon Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMA5C39 Datasheet(HTML) 1 Page - Micro Commercial Components

  SMA5C39 Datasheet HTML 1Page - Micro Commercial Components SMA5C39 Datasheet HTML 2Page - Micro Commercial Components SMA5C39 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Surface Mount Application
5.1 thru 39 Volt Voltage Range
High reliability
Glass Passivated Junction
Mechanical Data
Maximum Ratings @ 25
oC Unless Otherwise Specified
Dissipation
Operation and
Storage
Temperature
TJ
, TSTG
-65
oC to
+150
oC
NOTES:
www.mccsemi.com
DO-214A
C
(SM
A) (LEAD FRAME)
3.0 Watt
Surface Mount
Silicon
Zener Diodes
Maximum
Forward
Voltage
1 of 3
VF
1.2V
(Note:
2)
0.070"
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT

DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
H
J
E
F
G
A
B
D
C
SMA5C
5V1
THRU
SM
A5C
39
Resistance
RthJL
25
/W
Thermal
Junction
to Lead
Power
P
D
3.0W
(Note:3)
Revision:
A
20
18/01/01
Compliant. See ordering information)
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
2. Forward Current @ 200mA.
3. Ambient Temperature at Ta=60
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
C
o
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Terminals solderable per MIL-STD-750, Method 2026
Polarity is indicated by cathode band.
Packaging: Standard 12mm Tape (see EIA 481)
0
Maximum temperature for soldering: 260 C for 10 seconds.
•
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
20736 Marilla Street Chatsworth
CA 91311
Phone:(818) 701-4933
Fax: (818) 701-4939
Micro Commercial Components
M C C
R


Similar Part No. - SMA5C39

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMA5C3V3 MCC-SMA5C3V3 Datasheet
284Kb / 3P
3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C3V6 MCC-SMA5C3V6 Datasheet
284Kb / 3P
3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C3V9 MCC-SMA5C3V9 Datasheet
284Kb / 3P
3.0 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - SMA5C39

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
3SMAJ5913B MCC-3SMAJ5913B Datasheet
128Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5956B-TP MCC-3SMAJ5956B-TP Datasheet
338Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3MSMA1J59138B MCC-3MSMA1J59138B Datasheet
330Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5925BHE3 MCC-3SMAJ5925BHE3 Datasheet
224Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5913B MCC-3SMBJ5913B_18 Datasheet
333Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
3SMBJ5925BHE3 MCC-3SMBJ5925BHE3 Datasheet
328Kb / 4P
3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com