Electronic Components Datasheet Search
  English  ▼

X  

TZX2V7 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # TZX2V7
Description  500mW Silicon Zener Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

TZX2V7 Datasheet(HTML) 4 Page - Micro Commercial Components

  TZX2V7 Datasheet HTML 1Page - Micro Commercial Components TZX2V7 Datasheet HTML 2Page - Micro Commercial Components TZX2V7 Datasheet HTML 3Page - Micro Commercial Components TZX2V7 Datasheet HTML 4Page - Micro Commercial Components TZX2V7 Datasheet HTML 5Page - Micro Commercial Components TZX2V7 Datasheet HTML 6Page - Micro Commercial Components TZX2V7 Datasheet HTML 7Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics (Tj = 25_C unless otherwise specified)
95 9611
0
5
10
15
0
100
200
300
400
500
20
l – Lead Length ( mm )
ll
TL=constant
Figure 1. Thermal Resistance vs. Lead Length
0
40
80
120
160
0
100
300
400
500
600
Tamb – Ambient Temperature ( °C )
200
95 9602
200
Figure 2. Total Power Dissipation vs.
Ambient Temperature
MCC
TM
Micro Commercial Components
www.mccsemi.com
Revision:
A
20
11/01/01
4 of 7
TZX2V4 THRU TZX36
Type
VZmin.
VZmax.
Type
VZmin.
VZmax.
rZmax.
at IZ
IRmax.
at VR
(V)
(V)
(V)
(V)
(
W)
(mA)
(
mA)
(V)
TZX24
22.9
25.5
TZX24C
24.3
25.5
70
2
1
19
TZX27
25.2
28.6
TZX27A
25.2
26.6
80
2
1
21
TZX27
25.2
28.6
TZX27B
26.2
27.6
80
2
1
21
TZX27
25.2
28.6
TZX27C
27.2
28.6
80
2
1
21
TZX30
28.2
31.6
TZX30A
28.2
29.6
100
2
1
23
TZX30
28.2
31.6
TZX30B
29.2
30.6
100
2
1
23
TZX30
28.2
31.6
TZX30C
30.2
31.6
100
2
1
23
TZX33
31.2
34.5
TZX33A
31.2
32.6
120
2
1
25
TZX33
31.2
34.5
TZX33B
32.2
33.6
120
2
1
25
TZX33
31.2
34.5
TZX33C
33.2
34.5
120
2
1
25
TZX36
34.2
38.0
TZX36A
34.2
35.7
140
2
1
27
TZX36
34.2
38.0
TZX36B
35.3
36.8
140
2
1
27
TZX36
34.2
38.0
TZX36C
36.4
38.0
140
2
1
27



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com