Electronic Components Datasheet Search
  English  ▼

X  

MM74HC133J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74HC133J
Description  13-Input NAND Gate
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74HC133J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74HC133J Datasheet HTML 1Page - National Semiconductor (TI) MM74HC133J Datasheet HTML 2Page - National Semiconductor (TI) MM74HC133J Datasheet HTML 3Page - National Semiconductor (TI) MM74HC133J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5134
January 1988
MM54HC133MM74HC133 13-Input NAND Gate
General Description
This NAND gate utilizes advanced silicon-gate CMOS tech-
nology to achieve operating speeds similar to LS-TTL gates
with the low power consumption of standard CMOS inte-
grated circuits All gates have buffered outputs All devices
have high noise immunity and the ability to drive 10 LS-TTL
loads The 54HC74HC logic family is functionally as well as
pin-out compatible with the standard 54LS74LS logic fami-
ly All inputs are protected from damage due to static dis-
charge by internal diode clamps to VCC and ground
Features
Y
Typical propagation delay 20 ns
Y
Wide power supply range 2 – 6V
Y
Low quiescent current 20 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
Fanout of 10 LS-TTL loads
Connection and Logic Diagrams
Dual-In-Line Package
TLF5134 – 1
Top View
Order Number MM54HC133 or MM74HC133
TLF5134 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74HC133J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC132 FAIRCHILD-MM74HC132 Datasheet
86Kb / 7P
Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC132M FAIRCHILD-MM74HC132M Datasheet
86Kb / 7P
Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MM74HC132M ONSEMI-MM74HC132M Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC132MTC FAIRCHILD-MM74HC132MTC Datasheet
86Kb / 7P
Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - MM74HC133J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F133 PHILIPS-74F133 Datasheet
51Kb / 4P
13.input NAND Gate
July 2, 1993
74HC133 PHILIPS-74HC133 Datasheet
36Kb / 5P
13-input NAND gate
September 1993
logo
STMicroelectronics
M54HC133 STMICROELECTRONICS-M54HC133 Datasheet
237Kb / 10P
13 INPUT NAND GATE
Oct-1992
logo
Fairchild Semiconductor
DM74ALS133 FAIRCHILD-DM74ALS133 Datasheet
43Kb / 4P
13-Input NAND Gate
DM74S133 FAIRCHILD-DM74S133 Datasheet
46Kb / 4P
13-Input NAND Gate
logo
National Semiconductor ...
54LS133 NSC-54LS133 Datasheet
52Kb / 2P
13-INPUT NAND GATE
logo
List of Unclassifed Man...
GD74HCT133 ETC1-GD74HCT133 Datasheet
165Kb / 4P
13-INPUT NAND GATE
logo
Toshiba Semiconductor
TC74HC133AP TOSHIBA-TC74HC133AP_07 Datasheet
219Kb / 7P
13-Input NAND Gate
logo
Renesas Technology Corp
HD74HC133 RENESAS-HD74HC133 Datasheet
91Kb / 6P
13-input NAND Gate
logo
List of Unclassifed Man...
N74F133N602 ETC1-N74F133N602 Datasheet
85Kb / 8P
13-input NAND gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com