Electronic Components Datasheet Search
  English  ▼

X  

CPC1219 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1219
Description  Voltage-Controlled, Single-Pole, Normally Closed, 4-Pin SIP OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1219 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1219 Datasheet HTML 1Page - IXYS Corporation CPC1219 Datasheet HTML 2Page - IXYS Corporation CPC1219 Datasheet HTML 3Page - IXYS Corporation CPC1219 Datasheet HTML 4Page - IXYS Corporation CPC1219 Datasheet HTML 5Page - IXYS Corporation CPC1219 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R06
CPC1219
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
-40
9
8
7
6
5
4
3
-20
0
20
40
60
80
100
Steady State
V
IN = 0V
Temperature (ºC)
Typical On-Resistance vs. Temperature
(I
L=Max Rated @ Temperature)
Load Voltage (V)
200
50
-200
-1.0 -0.75 -0.50
0
0.25 0.50
1.0
100
-150
0
150
-50
-100
0.75
-0.25
Typical Load Current vs. Load Voltage
(V
IN=0V, TA=25ºC)
225
200
175
150
125
100
75
50
25
0
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
V
IN = 0V
Typical Maximum Load Current
vs. Temperature
-40
104
102
100
98
96
94
92
90
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
(V
IN=5V)
-40
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Leakage vs. Temperature
Measured Across Pins 1&4
(V
IN=5V, VL=60V)
Time
10 s
500
450
400
350
300
250
200
150
100
50
0
1ms
100 s
100ms
1s
10ms
10s
100s
Energy Rating Curve



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com