Electronic Components Datasheet Search
  English  ▼

X  

AD585 Datasheet(PDF) 4 Page - Analog Devices

Part # AD585
Description  High speed, Precision Sample-and-hold Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD585 Datasheet(HTML) 4 Page - Analog Devices

  AD585 Datasheet HTML 1Page - Analog Devices AD585 Datasheet HTML 2Page - Analog Devices AD585 Datasheet HTML 3Page - Analog Devices AD585 Datasheet HTML 4Page - Analog Devices AD585 Datasheet HTML 5Page - Analog Devices AD585 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
:
TABLE I NOTES:
1/
VS = ±15 V, CH = Internal, RL = Infinite, A = +1, Hold active, sample mode unless otherwise noted.
2/
Tested in hold mode.
3/
Guaranteed if not tested to the limits specified.
4/
Doubles every 10°C.
5/
VOUT = 20 Vp-p. Slew rate = slew current/CH.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com