Electronic Components Datasheet Search
  English  ▼

X  

DAC100 Datasheet(PDF) 2 Page - Analog Devices

Part # DAC100
Description  10-Bit Current output D to A Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC100 Datasheet(HTML) 2 Page - Analog Devices

  DAC100 Datasheet HTML 1Page - Analog Devices DAC100 Datasheet HTML 2Page - Analog Devices DAC100 Datasheet HTML 3Page - Analog Devices DAC100 Datasheet HTML 4Page - Analog Devices DAC100 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DAC100
ASD0011162 Rev. F | Page 2 of 5
VREF
R
B= 6.12KΩ
R
S *
RB
RS
Full
Scale
Adjust
V-
V+
Analog
Output
16
1
13
6
7
8
9
10
11
12
4
5
MSB
LSB
RS = 4.88KΩ
Figure 1A: Simplified schematic
3.0
Absolute Maximum Ratings. (TA = 25°C, unless otherwise noted)
V+ supply to V- supply........................................................................................ 0V to 36V
V+ supply to output............................................................................................ 0V to +18V
V- supply to output............................................................................................. 0V to –18V
Power dissipation ......................................................................................................500mW
Logic inputs to outputs........................................................................................-1V to +6V
Operating temperature range......................................................................-55°C to +125°C
Storage temperature range..........................................................................-65°C to +150°C
Lead temperature (soldering, 60 sec.) .......................................................................+300°C
Dice junction temperature (TJ)...................................................................................+175°C
3.1
Thermal Characteristics:
Thermal resistance, CERDIP (Q) Package
Junction-to-case (
ΘJC) = 29°C/W Max
Junction-to-ambient (
ΘJA) = 91 °C/W Max
Thermal resistance, FLATPAK (N) Package
Junction-to-case (
ΘJC) = 22°C/W Max
Junction-to-ambient (
ΘJA) = 90 °C/W Max



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com