Electronic Components Datasheet Search
  English  ▼

X  

PE3C2019 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C2019
Description  1.0/2.3 Plug to BNC Male Cable Using RG316 Coax
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2019 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2019 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2019 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2019 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C2019 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: 1.0/2.3 Plug
• Connector 2: BNC Male
• Cable Type: RG316
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.4:1
Velocity of Propagation
69
%
Capacitance
29.4 [96.46]
pF/ft [pF/m]
DC Resistance Inner Conductor
8.41 [27.59]
Ω/1000ft [Ω/Km]
Operating Voltage (AC)
250
Vrms
Jacket Spark
2,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
1.11
1.15
1.2
1.3
1.55
dB/ft
3.64
3.77
3.94
4.27
5.09
dB/m
Insertion Loss (Typ.)
0.31
0.36
0.438
0.58
0.78
dB/ft
1.02
1.18
1.44
1.9
2.56
dB/m
VSWR (Max.)
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss (Max.)
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Diameter
0.57 in [14.48 mm]
.
Weight
0.036 lbs [16.33 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1.0/2.3 Plug to BNC Male Cable Using RG316 Coax PE3C2019
PE3C2019 REV 1.0
1.0/2.3 Plug to BNC Male Cable Using RG316 Coax
RF Cable Assemblies Technical Data Sheet
PE3C2019


Similar Part No. - PE3C2019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2010 PASTERNACK-PE3C2010 Datasheet
366Kb / 4P
4.1 - 9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2010-100CM PASTERNACK-PE3C2010-100CM Datasheet
449Kb / 3P
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Cable 100 CM
PE3C2010-200CM PASTERNACK-PE3C2010-200CM Datasheet
449Kb / 3P
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Cable 100 CM
PE3C2011 PASTERNACK-PE3C2011 Datasheet
414Kb / 5P
N Male to N Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax with HeatShrink, RoHS
PE3C2011-100CM PASTERNACK-PE3C2011-100CM Datasheet
448Kb / 3P
N Male to N Male LSZH Jacketed Cable 100 CM
More results

Similar Description - PE3C2019

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0441 PASTERNACK-PE3C0441 Datasheet
330Kb / 3P
1.0/2.3 Jack Bulkhead to 1.0/2.3 Jack Bulkhead Cable Using RG316 Coax
PE3C2416 PASTERNACK-PE3C2416 Datasheet
376Kb / 4P
BNC Male to BNC Male Cable Using RG316 Coax
PE3C2599 PASTERNACK-PE3C2599 Datasheet
369Kb / 4P
SMC Plug to BNC Male Cable Using RG316 Coax
PE3C3393 PASTERNACK-PE3C3393 Datasheet
366Kb / 4P
TNC Male to BNC Male Cable Using RG316 Coax
PE3C3408 PASTERNACK-PE3C3408 Datasheet
371Kb / 4P
SSMB Plug to BNC Male Cable Using RG316 Coax
PE3C3426 PASTERNACK-PE3C3426 Datasheet
366Kb / 4P
1.0/2.3 Plug to BNC Male Cable Using RG174 Coax
PE3C3439 PASTERNACK-PE3C3439 Datasheet
356Kb / 4P
1.0/2.3 Plug to BNC Male Cable Using RG188 Coax
PE3C3451 PASTERNACK-PE3C3451 Datasheet
357Kb / 4P
D-Sub Plug to BNC Male Cable Using RG316 Coax
PE3C3479 PASTERNACK-PE3C3479 Datasheet
361Kb / 4P
BNC Male to SHV Plug Cable Using RG316 Coax
PE3C4413 PASTERNACK-PE3C4413 Datasheet
460Kb / 5P
BNC Male to SSMC Plug Cable Using RG316 Coax
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com