Electronic Components Datasheet Search
  English  ▼

X  

SM7153 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # SM7153
Description  ELECTRONIC VOLUME CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7153 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  SM7153 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM7153 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7153 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7153 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7153 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7153 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7153 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7153 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7153 Datasheet HTML 9Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Page 3
FUNCTION DESCRIPTION
(1) Setting Of Attenuation
After power on, attenuation is automatically set at -40dB.
Figure 2
V.1.0
When the UP key is pressed after power ON, the U/D terminal is placed in the up state at
' H ' level, and the oscillator is actuated.
When the DOWN key is pressed, t
DOWN key is pressed, and the oscillator is actuated in the down state and therefore,
attenuation is decreased. Oscillation frequency is decided by Cx and Rx.
fosc≒
(Hz) (Rs≧3Rx)
1
0.7 Cx * Rx
POWER SUPPLY
U/D
Figure 1
osc
VDD
OSC
RS
CX
RX
UP
DWOM
VSS
U/D
RX=33 K
Ω
CX=4.7
µF
RS=100 K
Ω
+
- 2.2uF
OSC
-30dB
-32dB
-34dB
-36dB
-38dB
-40dB
SM7153
SAMHOP Microelectronics Corp.
三合微科股份有限公司
ELECTRONIC VOLUME
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com