Electronic Components Datasheet Search
  English  ▼

X  

KA3842BD Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA3842BD
Description  SMPS Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA3842BD Datasheet(HTML) 3 Page - ON Semiconductor

  KA3842BD Datasheet HTML 1Page - ON Semiconductor KA3842BD Datasheet HTML 2Page - ON Semiconductor KA3842BD Datasheet HTML 3Page - ON Semiconductor KA3842BD Datasheet HTML 4Page - ON Semiconductor KA3842BD Datasheet HTML 5Page - ON Semiconductor KA3842BD Datasheet HTML 6Page - ON Semiconductor KA3842BD Datasheet HTML 7Page - ON Semiconductor KA3842BD Datasheet HTML 8Page - ON Semiconductor KA3842BD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
KA3842B/KA3843B/KA3844B/KA3845B
2
Absolute Maximum Ratings
Note:
1. Board Thickness 1.6mm, Board Dimension 76.2mm
×114.3mm, (Reference EIA / JSED51-3, 51-7)
2. Do not exceeed PD and SOA (Safe Operation Area)
Power Dissipation Curve
Thermal Data
Pin Array
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Output Current
IO
±1A
Analog Inputs (Pin 2.3)
V(ANA)
-0.3 to 6.3
V
Error Amp Output Sink Current
ISINK (E.A)
10
mA
Power Dissipation at TA
≤25°C (8DIP)
PD(Note1,2)
1200
mW
Power Dissipation at TA
≤25°C (14SOP)
PD(Note1,2)
680
mW
Storage Temperature Range
TSTG
-65 ~ +150
°C
Lead Temperature (Soldering, 10sec)
TLEAD
+300
°C
Characteristic
Symbol
8-DIP
14-SOP
Unit
Thermal Resistance Junction-ambient
Rthj-amb(MAX)
100
180
°C/W
800
700
600
500
400
300
900
1000
1100
0
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
AMBIENT TEMPERATURE (℃)
1200
8DIP
14SOP
800
700
600
500
400
300
900
1000
1100
0
10
20
304050
30
40
50
60
70
80
60
70
80
90
100 110
90
100 110 120 130 140
120 130 140 150
AMBIENT TEMPERATURE (℃)
1200
8DIP
14SOP
VCC
GND
PWR GND
COMP
1
N/C
2
VFB
N/C
3
4
VREF
N/C
PWR VC
14
13
12
11
CURRENT SENSE
5
N/C
RT/CT
6
7
OUTPUT
10
9
8
COMP 1
VFB
2
CURRENT SENSE
RT/CT
3
4
VREF
VCC
OUTPUT
GND
8
7
6
5
8DIP,8SOP
14SOP
VCC
GND
PWR GND
COMP
1
N/C
2
VFB
N/C
3
4
VREF
N/C
PWR VC
14
13
12
11
CURRENT SENSE
5
N/C
RT/CT
6
7
OUTPUT
10
9
8
VCC
GND
PWR GND
COMP
1
N/C
2
VFB
N/C
3
4
VREF
N/C
PWR VC
14
13
12
11
CURRENT SENSE
5
N/C
RT/CT
6
7
OUTPUT
10
9
8
COMP 1
VFB
2
CURRENT SENSE
RT/CT
3
4
VREF
VCC
OUTPUT
GND
8
7
6
5
COMP 1
VFB
2
CURRENT SENSE
RT/CT
3
4
VREF
VCC
OUTPUT
GND
8
7
6
5
8DIP,8SOP
14SOP
8-DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com