Electronic Components Datasheet Search
  English  ▼

X  

FCA14405 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCA14405
Description  Rose Assembly
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCA14405 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCA14405 Datasheet HTML 1Page - Ledil, Inc. FCA14405 Datasheet HTML 2Page - Ledil, Inc. FCA14405 Datasheet HTML 3Page - Ledil, Inc. FCA14405 Datasheet HTML 4Page - Ledil, Inc. FCA14405 Datasheet HTML 5Page - Ledil, Inc. FCA14405 Datasheet HTML 6Page - Ledil, Inc. FCA14405 Datasheet HTML 7Page - Ledil, Inc. FCA14405 Datasheet HTML 8Page - Ledil, Inc. FCA14405 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Rose series
last update 17/1/2018
DETAILS
Product Number
FCA14405_G2-NIS033U-M
Family
Rose
Type
Assembly
Color
black
Diameter
21,6 + 21,6 mm
Height
12,9 mm
Style
square
Optic Material
Silicone
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
17/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
6868 4in1 (UV)
25 deg
Medium
-
-
-
NCSU034B
21 deg
Medium
93 %
-
-
NCSU033B
24 deg
Medium
sim: 93 % -
-
NC4U133A
25 deg
Medium
90 %
-
-
NC4U134A
27 deg
Medium
90 %
-
-
NVSU333A
26 deg
Medium
-
-
-
January 31st 2018 10:11 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCA14405

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA14464 LEDIL-FCA14464 Datasheet
290Kb / 8P
Rose Assembly
More results

Similar Description - FCA14405

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10561 LEDIL-CA10561 Datasheet
230Kb / 4P
Rose Assembly
CA10569 LEDIL-CA10569 Datasheet
239Kb / 4P
Rose Assembly
CA13614 LEDIL-CA13614 Datasheet
365Kb / 4P
Rose Assembly
FA10327 LEDIL-FA10327 Datasheet
241Kb / 4P
Rose Assembly
FA10342 LEDIL-FA10342 Datasheet
76Kb / 2P
Rose Assembly
FA10903 LEDIL-FA10903 Datasheet
200Kb / 4P
Rose Assembly
FCA14961 LEDIL-FCA14961 Datasheet
279Kb / 4P
Rose Assembly
FCA14464 LEDIL-FCA14464 Datasheet
290Kb / 8P
Rose Assembly
FA10300 LEDIL-FA10300 Datasheet
222Kb / 4P
Rose Assembly
FA10302 LEDIL-FA10302 Datasheet
233Kb / 4P
Rose Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com