Electronic Components Datasheet Search
  English  ▼

X  

FN15972 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15972
Description  Ronda Assembly
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15972 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15972 Datasheet HTML 1Page - Ledil, Inc. FN15972 Datasheet HTML 2Page - Ledil, Inc. FN15972 Datasheet HTML 3Page - Ledil, Inc. FN15972 Datasheet HTML 4Page - Ledil, Inc. FN15972 Datasheet HTML 5Page - Ledil, Inc. FN15972 Datasheet HTML 6Page - Ledil, Inc. FN15972 Datasheet HTML 7Page - Ledil, Inc. FN15972 Datasheet HTML 8Page - Ledil, Inc. FN15972 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
PRODUCT DATASHEET
Ronda series
last update 22/1/2018
DETAILS
Product Number
FN15972_RONDA-ZT45-C
Family
Ronda
Type
Assembly
Color
clear
Diameter
69,9 mm
Height
14,6 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
socket
Status
production ready
ROHS Compliant
Yes
Date Updated
22/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V6 Gen6
Asymmetric degAsymmetric 90 %
0.870
LEDiL: F15253_HEKLA-SOCKET-A
Vesta TW 9mm (12W)
Asymmetric degAsymmetric 86 %
0.580
LEDiL: C16142_HEKLA-SOCKET-K
VERO10
sim: AsymmetricAsymmetric 88 %
0.560
-
Vesta DTW 15mm (33W)
Asymmetric degAsymmetric 80 %
0.370
Bender Wirth: 491 Typ L8
CLL03x/CLU03x
Asymmetric degAsymmetric 82 %
0.370
LEDiL: F15859_HEKLA-SOCKET-I
CLL02x/CLU02x (LES10)
Asymmetric degAsymmetric 88 %
0.570
LEDiL: F15255_HEKLA-SOCKET-C
CLU700/701
Asymmetric degAsymmetric 90 %
0.840
LEDiL: F15255_HEKLA-SOCKET-C
CLC020 Series (Dim-To-Warm)
Asymmetric degAsymmetric 85 %
0.590
LEDiL: C16142_HEKLA-SOCKET-K
CXA/B 15xx
Asymmetric degAsymmetric 90 %
0.630
LEDiL: F15256_HEKLA-SOCKET-D
CXA/B 13xx
Asymmetric degAsymmetric 90 %
0.800
LEDiL: F15956_HEKLA-SOCKET-J
LUXEON CoB 1202s
Asymmetric degAsymmetric 91 %
0.790
LEDiL: F15848_HEKLA-SOCKET-G
COB T-Type
sim: AsymmetricAsymmetric sim: 84 % sim: 0.760 LEDiL: F15848_HEKLA-SOCKET-G
LC020C
Asymmetric degAsymmetric 90 %
0.640
LEDiL: F15848_HEKLA-SOCKET-G
LC010C
Asymmetric degAsymmetric 89 %
0.710
LEDiL: F15848_HEKLA-SOCKET-G
COB D Series LES 9.8 mm
Asymmetric degAsymmetric 89 %
0.560
LEDiL: F15255_HEKLA-SOCKET-C
COB D Series LES 14.5 mm
Asymmetric degAsymmetric 82 %
0.350
LEDiL: F15859_HEKLA-SOCKET-I
MJT COB LES 9.8
Asymmetric degAsymmetric 87 %
0.540
LEDiL: F15255_HEKLA-SOCKET-C
MJT COB LES 6
Asymmetric degAsymmetric 88 %
0.800
LEDiL: F15255_HEKLA-SOCKET-C
SLE G6 LES10
sim: AsymmetricAsymmetric sim: 93 % sim: 0.610 LEDiL: F15255_HEKLA-SOCKET-C
February 5th 2018 3:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FN15972

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15972 LEDIL-FN15972 Datasheet
7Mb / 10P
Double asymmetric beam for wall washing and supermarket applications with holder C compatible with LEDiL HEKLA
FN15972 LEDIL-FN15972_18 Datasheet
7Mb / 10P
Double asymmetric beam for wall washing and supermarket applications with holder C compatible with LEDiL HEKLA
More results

Similar Description - FN15972

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN15314 CREE-FCN15314 Datasheet
1Mb / 9P
Ronda series
FCN15316 CREE-FCN15316 Datasheet
1Mb / 9P
Ronda series
FCN15740 CREE-FCN15740 Datasheet
1Mb / 5P
Ronda series
FCN15302 CREE-FCN15302 Datasheet
1Mb / 5P
Ronda series
logo
Ledil, Inc.
FN15971 LEDIL-FN15971 Datasheet
2Mb / 37P
Ronda Assembly
FN15998 LEDIL-FN15998 Datasheet
1Mb / 27P
Ronda Assembly
FN15966 LEDIL-FN15966 Datasheet
2Mb / 36P
Ronda Assembly
FN15968 LEDIL-FN15968 Datasheet
2Mb / 37P
Ronda Assembly
FN15970 LEDIL-FN15970 Datasheet
2Mb / 35P
Ronda Assembly
FN15975 LEDIL-FN15975 Datasheet
2Mb / 33P
Ronda Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com