Electronic Components Datasheet Search
  English  ▼

X  

2KBP005 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2KBP005
Description  2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2KBP005 Datasheet(HTML) 1 Page - Micro Commercial Components

  2KBP005 Datasheet HTML 1Page - Micro Commercial Components 2KBP005 Datasheet HTML 2Page - Micro Commercial Components 2KBP005 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2KBP005
THRU
2KBP10
2.0 Amp Glass
Passivated Bridge
Rectifier
50 to 1000 Volts
KB
PL
Features
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
A
.559
.60
14.22
15.24
B
.42
.46
10.6
0
11.68
C
.
50
---
1
2.7
---
D
.1
46
.153
3.70
3.90
E
.142
.161
3.60
4.10
G
.
046
.
054
1.17
1.37
H
.0
28
.034
0.7
0
0.
90
I
.
561
---
14.25
---
Maximum Ratings
Operating Temperature: -55 C to +165 C
Storage Temperature: -55 C to +165 C
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
2KBP005
50V
35V
50V
2KBP01
100V
70V
100V
2KBP02
200V
140V
200V
2KBP04
400V
280V
400V
2KBP06
600V
420V
600V
2KBP08
800V
560V
800V
2KBP10
1000V
700V
1000V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
Ta = 50 C
Peak Forward Surge
Current
IFSM
60A
8.3ms, half sine
Maximum
Forward
Voltage Drop Per
Element
VF
1.
2V
IF = 2.0A per
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 A
0.5mA
Ta = 25 C
Ta = 125 C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Revision:
D
20
17/06/20
www.mccsemi.com
1 of 3
B
C
AC
+
-
G
D
E
A
I
H
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
•
Glass Passivate Die Construction
•
Ideal for Printed Circuit Boards
Notes: 1.High Temperature Solder Exemption Applied,See EU Directive Annex Notes 7
•
Halogen free available upon request by adding suffix "-HF"
Micro Commercial Components
M C C
R
•
UL Recognized File # E165989
NOT RECOMMENDED FOR NEW DESIGNS
USE
KBP2005G-BP~KBP210G-BP Series


Similar Part No. - 2KBP005

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2KBP005 GE-2KBP005 Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
International Rectifier
2KBP005 IRF-2KBP005 Datasheet
47Kb / 3P
2A single phase rectifier bridge
logo
Vishay Siliconix
2KBP005 VISHAY-2KBP005 Datasheet
105Kb / 4P
Single Phase Rectifier Bridge, 2 A
17-Jun-08
logo
EIC discrete Semiconduc...
2KBP005 EIC-2KBP005 Datasheet
51Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - 2KBP005

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
2KBP005 MCC-2KBP005 Datasheet
279Kb / 3P
2.0 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ20005 MCC-GBJ20005_11 Datasheet
362Kb / 3P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GS2A-L MCC-GS2A-L Datasheet
236Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
DB201L MCC-DB201L Datasheet
456Kb / 3P
2.0 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GS2AFL MCC-GS2AFL Datasheet
991Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS2A-L MCC-GS2A-L_17 Datasheet
405Kb / 3P
2.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
S2A-L MCC-S2A-L_14 Datasheet
114Kb / 4P
2.0 Amp Glass Passivated Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com